Electronic Components Datasheet Search
  English  ▼

X  

STM32F205RF Datasheet(PDF) 175 Page - STMicroelectronics

Part # STM32F205RF
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RF Datasheet(HTML) 175 Page - STMicroelectronics

Back Button STM32F205RF Datasheet HTML 169Page - STMicroelectronics STM32F205RF Datasheet HTML 170Page - STMicroelectronics STM32F205RF Datasheet HTML 171Page - STMicroelectronics STM32F205RF Datasheet HTML 172Page - STMicroelectronics STM32F205RF Datasheet HTML 173Page - STMicroelectronics STM32F205RF Datasheet HTML 174Page - STMicroelectronics STM32F205RF Datasheet HTML 175Page - STMicroelectronics STM32F205RF Datasheet HTML 176Page - STMicroelectronics STM32F205RF Datasheet HTML 177Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 175 / 177 page
background image
STM32F20xxx
Revision history
Doc ID 15818 Rev 9
175/177
29-Oct-2012
10
Changed minimum supply voltage from 1.65 to 1.8 V.
Updated number of AHB buses in Section 2: Description and
Section 2.2.12: Clocks and startup.
Removed Figure 4. Compatible board design between STM32F10xx
and STM32F2xx for LQFP176 package.
Updated Note 2 below Figure 4: STM32F20x block diagram.
Changed System memory to System memory + OTP in Figure 14:
Memory map.
Added Note 1 below Table 14: VCAP1/VCAP2 operating conditions.
Updated VDDA and VREF+ decouping capacitor in Figure 17: Power
supply scheme and updated Note 3.
Changed simplex mode into half-duplex mode in Section 2.2.24: Inter-
integrated sound (I2S).
Replaced DAC1_OUT and DAC2_OUT by DAC_OUT1 and
DAC_OUT2, respectively.Changed TIM2_CH1/TIM2_ETR into
TIM2_CH1_ETR for PA0 and PA5 in Table 8: Alternate function
mapping.
Updated note applying to IDD (external clock and all peripheral
disabled) in Table 18: Typical and maximum current consumption in
Run mode, code with data processing running from Flash memory
(ART accelerator disabled). Updated Note 3 below Table 20: Typical
and maximum current consumption in Sleep mode.
Removed fHSE_ext typical value in Table 26: High-speed external user
clock characteristics.
Updated master I2S clock jitter conditions and vlaues in Table 33:
PLLI2S (audio PLL) characteristics.
Updated equations in Section 5.3.11: PLL spread spectrum clock
generation (SSCG) characteristics.
Swapped TTL and CMOS port conditions for VOL and VOH in Table 45:
Output voltage characteristics.
Updated VIL(NRST) and VIH(NRST) in Table 47: NRST pin characteristics.
Updated Table 52: SPI characteristics and Table 53: I2S
characteristics. Removed note 1 related to measurement points below
Figure 40: SPI timing diagram - slave mode and CPHA = 1, Figure 41:
SPI timing diagram - master mode, and Figure 42: I2S slave timing
diagram (Philips protocol)(1).
Updated tHC in Table 59: ULPI timing.
Updated Figure 46: Ethernet SMI timing diagram, Table 61: Dynamics
characteristics: Ethernet MAC signals for SMI and Table 63: Dynamics
characteristics: Ethernet MAC signals for MII.
Update fTRIG in Table 64: ADC characteristics.
Updated IDDA description in Table 66: DAC characteristics.
Updated note below Figure 51: Power supply and reference
decoupling (VREF+ not connected to VDDA) and Figure 52: Power
supply and reference decoupling (VREF+ connected to VDDA).
Table 94.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com