Electronic Components Datasheet Search
  English  ▼

X  

ILX103A Datasheet(PDF) 6 Page - Sony Corporation

Part # ILX103A
Description  3000-pixel CCD Linear Image Sensor (B/W)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX103A Datasheet(HTML) 6 Page - Sony Corporation

Back Button ILX103A Datasheet HTML 2Page - Sony Corporation ILX103A Datasheet HTML 3Page - Sony Corporation ILX103A Datasheet HTML 4Page - Sony Corporation ILX103A Datasheet HTML 5Page - Sony Corporation ILX103A Datasheet HTML 6Page - Sony Corporation ILX103A Datasheet HTML 7Page - Sony Corporation ILX103A Datasheet HTML 8Page - Sony Corporation ILX103A Datasheet HTML 9Page - Sony Corporation ILX103A Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
– 6 –
ILX103A
φSHUT, φCLK Timing
Symbol
t11, t13
t12
t14
t15
Min.
0
4000
150
150
Typ.
10
5000
200
200
Max.
100
—
250
250
Unit
ns
ns
ns
ns
Item
φSHUT pulse rise/fall time
φSHUT pulse period
φSHUT, φCLK pulse timing 1
φSHUT, φCLK pulse timing 2
φSHUT
φCLK
t11
t12
t13
t15
t14
Symbol
t16
Min.
—
Typ.
230
Max.
—
Unit
ns
Item
φCLK-Vout output delay time1
φCLK
Vout
t16
∗2
∗1 fck = 500kHz, φCLK Duty = 50%, φCLK rise/fall time = 10ns
∗2
is data period.
φCLK Output Signal Timing ∗1
Note) The high periods of
φROG and φSHUT are separated for 10τ or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com