Electronic Components Datasheet Search
  English  ▼

X  

RT8280 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8280
Description  3A, 24V, 3MHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8280 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8280 Datasheet HTML 1Page - Richtek Technology Corporation RT8280 Datasheet HTML 2Page - Richtek Technology Corporation RT8280 Datasheet HTML 3Page - Richtek Technology Corporation RT8280 Datasheet HTML 4Page - Richtek Technology Corporation RT8280 Datasheet HTML 5Page - Richtek Technology Corporation RT8280 Datasheet HTML 6Page - Richtek Technology Corporation RT8280 Datasheet HTML 7Page - Richtek Technology Corporation RT8280 Datasheet HTML 8Page - Richtek Technology Corporation RT8280 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT8280
®
DS8280-02 March 2012
www.richtek.com
1
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
Applications
DSL Modem for ADSL2+ Standard
Distributed Power Systems
Pre-Regulator for Linear Regulators
SOP-8 (Exposed Pad)
3A, 24V, 3MHz Step-Down Converter
General Description
The RT8280 is a high voltage buck converter that can
support an input voltage range from 4.5V to 24V with output
current up to 3A. Current mode operation provides fast
transient response and eases loop stabilization.
The chip provides protection functions such as cycle-by-
cycle current limiting and thermal shutdown protection.
In shutdown mode, the regulator only draws 25
μA of
supply current. The RT8280 is available in a SOP-8
(Exposed Pad) package.
Features
Wide Operating Input Range : 4.5V to 24V
Adjustable Output Voltage Range : 0.8V to 15V
Output Current up to 3A
25
μμμμμA Low Shutdown Current
High Efficiency up to 90% at 2.2MHz
Programmable Frequency : 220kHz to 3MHz
Internal Soft-Start
Stable with Low ESR Output Ceramic Capacitors
Thermal Shutdown Protection
Cycle-By-Cycle Over Current Protection
RoHS Compliant and Halogen Free
BOOT
VIN
SW
GND
RT
EN
FB
COMP
GND
2
3
4
5
6
7
8
9
Ordering Information
Marking Information
RT8280GSP : Product Number
YMDNN : Date Code
RT8280
GSPYMDNN
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
RT8280
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8280

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8284 RICHTEK-RT8284 Datasheet
299Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8284N RICHTEK-RT8284N Datasheet
212Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - RT8280

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
3A, 24V, 1.2MHz Step-Down Converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
RT8269 RICHTEK-RT8269 Datasheet
198Kb / 12P
3A, 24V, 400kHz Step-Down Converter
RT8299 RICHTEK-RT8299 Datasheet
287Kb / 15P
3A, 24V, 500kHz Synchronous Step-Down Converter
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
3MHz 1A Step-Down Converter
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
3MHz 1A Step-Down Converter
logo
Monolithic Power System...
MP2227 MPS-MP2227 Datasheet
458Kb / 13P
24V, 3A, 1.3MHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3284 EUTECH-EUP3284 Datasheet
107Kb / 1P
3A, 24V, 340KHz Synchronous Step-Down Converter
EUP3484S EUTECH-EUP3484S Datasheet
783Kb / 11P
3A, 24V, 340KHz Synchronous Step-Down Converter
logo
Microsemi Corporation
LX7167 MICROSEMI-LX7167 Datasheet
580Kb / 12P
3MHz, 2.4A Step Down Converter
Aug 2013 Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com