Electronic Components Datasheet Search
  English  ▼

X  

ILX508A Datasheet(PDF) 13 Page - Sony Corporation

Part # ILX508A
Description  7926-pixel CCD Linear Image Sensor (B/W)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX508A Datasheet(HTML) 13 Page - Sony Corporation

Back Button ILX508A Datasheet HTML 6Page - Sony Corporation ILX508A Datasheet HTML 7Page - Sony Corporation ILX508A Datasheet HTML 8Page - Sony Corporation ILX508A Datasheet HTML 9Page - Sony Corporation ILX508A Datasheet HTML 10Page - Sony Corporation ILX508A Datasheet HTML 11Page - Sony Corporation ILX508A Datasheet HTML 12Page - Sony Corporation ILX508A Datasheet HTML 13Page - Sony Corporation ILX508A Datasheet HTML 14Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
– 13 –
ILX508A
Notes on Handling
1) Static charge prevention
CCD image sensors are easily damaged by static discharge. Before handling be sure to take the following
protective measures.
a) Either handle bare handed or use non chargeable gloves, clothes or material. Also use conductive shoes.
b) When handling directly use an earth band.
c) Install a conductive mat on the floor or working table to prevent the generation of static electricity.
d) Ionized air is recommended for discharge when handling CCD image sensor.
e) For the shipment of mounted substrates use boxes treated for the prevention of static charges.
2) Regulation for raising and lowering the power supply voltage.
When raising the supply voltage, first raise VDD1 (9V) and then VDD2 (5V).
Similarly, lower VDD2 (5V) first and then VDD1 (9V).
3) Soldering
a) Make sure the package temperature does not exceed 80°C.
b) Solder dipping in a mounting furnace causes damage to the glass and other defects. Use a grounded 30W
soldering iron and solder each pin in less then 2 seconds. For repairs and remount, cool sufficienty.
c) To dismount an imaging device do not use a solder suction equipment.
When using an electric desoldering tool, ground the controller. For the control system, use a zero cross
type.
4) Dust and dirt protection
a) Operate in clean environments.
b) Do not either touch glass plates by hand or have any object come in contact with glass surfaces. Should
dirt stick to a glass surface blow it off with an air blow. (For dirt stuck through static electricity ionized air
is recommended.)
c) Clean with a cotton bud and ethyl alcohol if the glass surface is grease stained.
Be careful not to scratch the glass.
d) Keep in a case to protect from dust and dirt. To prevent dew condensation, preheat or precool when
moving to a room with great temperature differences.
5) Exposure to high temperatures or humity will affect the characteristics.
Accordingly avoid storage or usage in such conditions.
6) CCD image sensors are precise optical equipment that should not be subject to mechanical shocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com