Electronic Components Datasheet Search
  English  ▼

X  

DDMM50SW Datasheet(PDF) 80 Page - ITT Industries

Part # DDMM50SW
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DDMM50SW Datasheet(HTML) 80 Page - ITT Industries

Back Button DDMM50SW Datasheet HTML 76Page - ITT Industries DDMM50SW Datasheet HTML 77Page - ITT Industries DDMM50SW Datasheet HTML 78Page - ITT Industries DDMM50SW Datasheet HTML 79Page - ITT Industries DDMM50SW Datasheet HTML 80Page - ITT Industries DDMM50SW Datasheet HTML 81Page - ITT Industries DDMM50SW Datasheet HTML 82Page - ITT Industries DDMM50SW Datasheet HTML 83Page - ITT Industries DDMM50SW Datasheet HTML 84Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
79
D Subminiature
Combo D
Solder Cup (Sizes DE-DD)
Part Numbers
Shell Size
Layout
Through Hole
Dual
Float Mount
Clinch Nut
#4-40 UNC
DE
5W1
DEM5W1SA197
DEMY5W1SA197
DEME5W1SA197
DA
7W2
DAM7W2SA197
DAMY7W2SA197
DAME7W2SA197
DA
11W1
DAM11W1SA197
DAMY11W1SA197
DAME11W1SA197
DA
3W3
DAM3W3SA197
DAMY3W3SA197
DAME3W3SA197
DA
3WK3
DAM3WK3SA197
DAMY3WK3SA197
DAME3WK3SA197
DB
5W5
DBM5W5SA197
DBMY5W5SA197
DBME5W5SA197
DB
9W4
DBM9W4SA197
DBMY9W4SA197
DBME9W4SA197
DB
13W3
DBM13W3SA197
DBMY13W3SA197
DBME13W3SA197
DB
17W2
DBM17W2SA197
DBMY17W2SA197
DBME17W2SA197
DB
21W1
DBM21W1SA197
DBMY21W1SA197
DBME21W1SA197
DC
8W8
DCM8W8SA197
DCMY8W8SA197
DCME8W8SA197
DC
13W6
DCM13W6SA197
DCMY13W6SA197
DCME13W6SA197
DC
17W5
DCM17W5SA197
DCMY17W5SA197
DCME17W5SA197
DC
21WA4
DCM21WA4SA197
DCMY21WA4SA197
DCME21WA4SA197
DC
25W3
DCM25W3SA197
DCMY25W3SA197
DCME25W3SA197
DC
27W2
DCM27W2SA197
DCMY27W2SA197
DCME27W2SA197
DD
24W7
DDM24W7SA197
DDMY24W7SA197
DDME24W7SA197
DD
36W4
DDM36W4SA197
DDMY36W4SA197
DDME36W4SA197
DD
43W2
DDM43W2SA197
DDMY43W2SA197
DDME43W2SA197
DD
47W1
DDM47W1SA197
DDMY47W1SA197
DDME47W1SA197
For contacts with 30 microinches gold substitute K126 for A197. Example: DEM5W1SK126
For M3 clinch nuts substitute X for E. Example: DEMX5W1SA197
Keyed.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
K
±0,318 (.0125)
L
±0,25 (.010)
DE
30,81 (1.123)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
Receptacle
Engaging Face
A
C
B
E
D
Ø 3,05
(.120)
10
°
9,91 (.390)
MAX
Reader’s Resource
For contact cavity arrangements,
see page 223.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
K
L
5,69
(.224)
2,84
(.112)
DD Configuration
2,84 (.112)
F
W