Electronic Components Datasheet Search
  English  ▼

X  

RT7270 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7270
Description  3A, 18V, 340kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7270 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7270 Datasheet HTML 1Page - Richtek Technology Corporation RT7270 Datasheet HTML 2Page - Richtek Technology Corporation RT7270 Datasheet HTML 3Page - Richtek Technology Corporation RT7270 Datasheet HTML 4Page - Richtek Technology Corporation RT7270 Datasheet HTML 5Page - Richtek Technology Corporation RT7270 Datasheet HTML 6Page - Richtek Technology Corporation RT7270 Datasheet HTML 7Page - Richtek Technology Corporation RT7270 Datasheet HTML 8Page - Richtek Technology Corporation RT7270 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT7270
®
DS7270-01
September 2012
www.richtek.com
1
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
Applications
Wireless AP/Router
Set-Top-Box
Industrial and Commercial Low Power Systems
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation of High-Performance DSPs
SOP-8 (Exposed Pad)
3A, 18V, 340kHz Synchronous Step-Down Converter
General Description
The RT7270 is a high efficiency, monolithic synchronous
step-down DC/DC converter that can deliver up to 3A
output current from a 4.5V to 18V input supply. The
RT7270's current mode architecture and external
compensation allow the transient response to be
optimized over a wide input voltage range and loads.
Cycle-by-cycle current limit provides protection against
shorted outputs, and soft-start eliminates input current
surge during start-up. The RT7270 also provides under
voltage protection and thermal shutdown protection. The
low current (<3
μA) shutdown mode provides output
disconnection, enabling easy power management in
battery-powered systems. The RT7270 is available in an
SOP-8 (Exposed Pad) package.
Features
±±±±±1.5% High Accuracy Reference Voltage
4.5V to 18V Input Voltage Range
3A Output Current
Integrated N-MOSFET Switches
Current Mode Control
Fixed Frequency Operation : 340kHz
Output Adjustable from 0.925V to 15V
Up to 95% Efficiency
Programmable Soft-Start
Stable with Low ESR Ceramic Output Capacitors
Cycle-by-Cycle Over Current Protection
Input Under Voltage Lockout
Output Under Voltage Protection
Thermal Shutdown Protection
RoHS Compliant and Halogen Free
BOOT
VIN
SW
GND
SS
EN
FB
COMP
GND
2
3
4
5
6
7
8
9
Marking Information
RT7270xZSP : Product Number
x : H or N
YMDNN : Date Code
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
RT7270
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)
H : UVP Hiccup
N : UVP Disabled
RT7270x
ZSPYMDNN


Similar Part No. - RT7270

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7271A RICHTEK-RT7271A Datasheet
218Kb / 14P
6A, 17V, 500kHz CSP Synchronous Step-Down Converter
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272BGSP RICHTEK-RT7272BGSP Datasheet
641Kb / 11P
Evaluation Board
More results

Similar Description - RT7270

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237A RICHTEK-RT7237A Datasheet
283Kb / 15P
2A, 18V, 340kHz Synchronous Step-Down Converter
RT7237J RICHTEK-RT7237J Datasheet
275Kb / 15P
2A, 18V, 340kHz Synchronous Step-Down Converter
RT7247A RICHTEK-RT7247A Datasheet
283Kb / 15P
2A, 18V, 340kHz Synchronous Step-Down Converter
RT7248 RICHTEK-RT7248 Datasheet
281Kb / 15P
2A, 18V, 340kHz Synchronous Step-Down Converter
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257J RICHTEK-RT7257J Datasheet
271Kb / 15P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT7297A RICHTEK-RT7297A Datasheet
280Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com