Electronic Components Datasheet Search
  English  ▼

X  

RT8288 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8288
Description  3A, 21V 500kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8288 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8288 Datasheet HTML 6Page - Richtek Technology Corporation RT8288 Datasheet HTML 7Page - Richtek Technology Corporation RT8288 Datasheet HTML 8Page - Richtek Technology Corporation RT8288 Datasheet HTML 9Page - Richtek Technology Corporation RT8288 Datasheet HTML 10Page - Richtek Technology Corporation RT8288 Datasheet HTML 11Page - Richtek Technology Corporation RT8288 Datasheet HTML 12Page - Richtek Technology Corporation RT8288 Datasheet HTML 13Page - Richtek Technology Corporation RT8288 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT8288
10
DS8288-03
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 3. Enable Control Circuit for Logic Control with Low Voltage
Figure 4. The Resistors can be Selected to Set IC Lockout Threshold
Under Output Voltage Protection-Hiccup Mode
For the IC, Hiccup Mode of Under Voltage Protection (UVP)
is provided. When the FB voltage drops below half of the
feedback reference voltage, VFB, the UVP function will be
triggered and the IC will shut down for a period of time and
then recover automatically. The Hiccup Mode of UVP can
reduce input current in short-circuit conditions.
Inductor Selection
For a given input and output voltage, the inductor value
and operating frequency determine the ripple current. The
ripple current
ΔIL increases with higher VIN and decreases
with higher inductance.
OUT
OUT
L
IN
VV
I =
1
fL
V
⎡⎤ ⎡
⎤
Δ× −
⎢⎥ ⎢
⎥
×
⎣⎦ ⎣
⎦
Having a lower ripple current reduces not only the ESR
losses in the output capacitors but also the output voltage
ripple. Highest efficiency operation is achieved by reducing
ripple current at low frequency, but it requires a large
inductor to attain this goal.
For the ripple current selection, the value of
ΔIL = 0.24
(IMAX) will be a reasonable starting point. The largest ripple
current occurs at the highest VIN. To guarantee that the
ripple current stays below a specified maximum, the
inductor value should be chosen according to the following
equation :
OUT
OUT
L(MAX)
IN(MAX)
VV
L =
1
fI
V
⎡⎤ ⎡
⎤
×−
⎢⎥ ⎢
⎥
×Δ
⎣⎦ ⎣
⎦
The inductor's current rating (caused a 40
°C temperature
rising from 25
°C ambient) should be greater than the
maximum load current and its saturation current should
be greater than the short circuit peak current limit. Please
see Table 2 for the inductor selection reference and it is
highly recommended to keep inductor value as close as
possible to the recommended inductor values for each
VOUT as shown in Table 1.
Component Supplier
Series
Dimensions (mm)
TDK
VLF10045
10 x 9.7 x 4.5
TDK
SLF12565
12.5 x 12.5 x 6.5
TAIYO YUDEN
NR8040
8 x 8 x 4
Table 2. Suggested Inductors for Typical
Application Circuit
VIN
VCC
BOOT
FB
SW
6
1
2, 3
4
L
R1
R2
VOUT
VIN
RT8288
7
CBOOT
COUT
CIN
RT
GND
8, 9 (Exposed Pad)
EN
CC
5
Q1
REN
100k
Chip Enable
VIN
VCC
BOOT
FB
SW
6
1
2, 3
4
L
R1
R2
VOUT
VIN
RT8288
7
CBOOT
COUT
CIN
RT
GND
8, 9 (Exposed Pad)
EN
CC
5
REN
100k
REN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com