Electronic Components Datasheet Search
  English  ▼

X  

ILX511 Datasheet(PDF) 3 Page - Sony Corporation

Part # ILX511
Description  2048-pixel CCD Linear Image Sensor (B/W)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX511 Datasheet(HTML) 3 Page - Sony Corporation

  ILX511 Datasheet HTML 1Page - Sony Corporation ILX511 Datasheet HTML 2Page - Sony Corporation ILX511 Datasheet HTML 3Page - Sony Corporation ILX511 Datasheet HTML 4Page - Sony Corporation ILX511 Datasheet HTML 5Page - Sony Corporation ILX511 Datasheet HTML 6Page - Sony Corporation ILX511 Datasheet HTML 7Page - Sony Corporation ILX511 Datasheet HTML 8Page - Sony Corporation ILX511 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
—3—
ILX511
Electro-optical Characteristics
(Ta = 25 °C, VDD = 5 V, Clock frequency: 1 MHz, Light source = 3200 K, IR cut filter: CM-500S (t = 1.0 mm),
Without S/H mode)
Note)
1. For the sensitivity test light is applied with a uniform intensity of illumination.
2. Light source: LED
λ = 660nm
3. PRNU is defined as indicated below. Ray incidence conditions are the same as for Note 1.
PRNU =
(VMAX-VMIN)/2
× 100 (%)
VAVE
The maximum output of all the valid pixels is set to VMAX, the minimum output to VMIN and the average
output to VAVE.
4. Integration time is 10ms.
5. Typical value is used for clock pulse and readout pulse. VOUT = 500 mV.
6. DR = VSAT/VDRK. When optical integration time is shorter, the dynamic range sets wider because dark
voltage is in proportion to optical integration time.
7. SE = VSAT/R1
8. Vos is defined as indicated below.
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Sensitivity 1
Sensitivity 2
Sensitivity nonuniformity
Saturation output voltage
Dark voltage average
Dark signal nonuniformity
Image lag
Dynamic range
Saturation exposure
5 V current consumption
Total transfer efficiency
Output impedance
Offset level
R1
150
200
250
V/(lx • s)
R2
—
1800
—
V/(lx • s)
PRNU
—
5.0
10.0
%
VSAT
0.6
0.8
—
V
VDRK
—
3.0
6.0
mV
DSNU
—
6.0
12.0
mV
IL
—
1
—
%
DR
—
267
—
—
SE
—
0.004
—
lx • s
I VDD
—
5.0
10.0
mA
TTE
92.0
98.0
—
%
ZO
—
250
—
Ω
VOS
—
2.8
—
V
Note 1
Note 2
Note 3
—
Note 4
Note 4
Note 5
Note 6
Note 7
—
—
—
Note 8
GND
Vos
VOUT
D30
D31
D32
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com