Electronic Components Datasheet Search
  English  ▼

X  

RT7277 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7277
Description  3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7277 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7277 Datasheet HTML 1Page - Richtek Technology Corporation RT7277 Datasheet HTML 2Page - Richtek Technology Corporation RT7277 Datasheet HTML 3Page - Richtek Technology Corporation RT7277 Datasheet HTML 4Page - Richtek Technology Corporation RT7277 Datasheet HTML 5Page - Richtek Technology Corporation RT7277 Datasheet HTML 6Page - Richtek Technology Corporation RT7277 Datasheet HTML 7Page - Richtek Technology Corporation RT7277 Datasheet HTML 8Page - Richtek Technology Corporation RT7277 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT7277
®
DS7277-00
October 2012
www.richtek.com
1
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
Features
ACOTTM Mode Enables Fast Transient Response
4.5V to 18V Input Voltage Range
3A Output Current
60m
Ω
Ω
Ω
Ω
Ω Internal Low Site N-MOSFET
Advanced Constant On-Time Control
Support All Ceramic Capacitors
Up to 95% Efficiency
700kHz Switching Frequency
Adjustable Output Voltage from 0.765V to 8V
Adjustable Soft-Start
Cycle-by-Cycle Current Limit
Input Under Voltage Lockout
Thermal Shutdown
RoHS Compliant and Halogen Free
Applications
Industrial and Commercial Low Power Systems
Computer Peripherals
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation for High-Performance DSPs,
FPGAs, and ASICs
Simplified Application Circuit
EN
RT7277
PVCC
FB
GND
VIN
VIN
C1
C2
BOOT
L1
C6
C7
SW
Chip Enable
SS
C5
C4
VOUT
R1
R2
C3
VPVCC
General Description
The RT7277 is a synchronous step-down DC/DC converter
with Advanced Constant On-Time (ACOTTM) mode control.
It achieves high power density to deliver up to 3A output
current from a 4.5V to 18V input supply. The proprietary
ACOTTM mode offers an optimal transient response over a
wide range of loads and all kinds of ceramic capacitors,
which allows the device to adopt very low ESR output
capacitors for ensuring performance stabilization. In
addition, RT7277 keeps an excellent constant switching
frequency under line and load variation and the integrated
synchronous power switches with the ACOTTM mode
operation provides high efficiency in whole output current
load range. Cycle-by-cycle current limit provides an
accurate protection by a valley detection of low side
MOSFET and external soft-start setting eliminates input
current surge during startup. Protection functions also
include output under voltage protection, output over voltage
protection, and thermal shutdown.
Marking Information
RT7277GSP : Product Number
YMDNN : Date Code
RT7277
GSPYMDNN


Similar Part No. - RT7277

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7270 RICHTEK-RT7270 Datasheet
312Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7271A RICHTEK-RT7271A Datasheet
218Kb / 14P
6A, 17V, 500kHz CSP Synchronous Step-Down Converter
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
3A, 36V, 500kHz Synchronous Step-Down Converter
More results

Similar Description - RT7277

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7266 RICHTEK-RT7266 Datasheet
205Kb / 13P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7231 RICHTEK-RT7231 Datasheet
300Kb / 18P
4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT7274 RICHTEK-RT7274 Datasheet
346Kb / 22P
2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7275 RICHTEK-RT7275 Datasheet
357Kb / 24P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7278 RICHTEK-RT7278 Datasheet
260Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
DS6203B RICHTEK-DS6203B Datasheet
416Kb / 22P
5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
RT6203B RICHTEK-RT6203B Datasheet
427Kb / 22P
5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
RT6213A RICHTEK-RT6213A Datasheet
1Mb / 20P
3A Peak, 18V, 500kHz, ACOTTM Step-Down Converter
January 2019
RT6203E RICHTEK-RT6203E Datasheet
438Kb / 21P
6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
January 2019
RT6203F RICHTEK-RT6203F Datasheet
439Kb / 21P
6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com