Electronic Components Datasheet Search
  English  ▼

X  

RT8259GE Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8259GE
Description  1.2A, 24V, 1.4MHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8259GE Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8259GE Datasheet HTML 1Page - Richtek Technology Corporation RT8259GE Datasheet HTML 2Page - Richtek Technology Corporation RT8259GE Datasheet HTML 3Page - Richtek Technology Corporation RT8259GE Datasheet HTML 4Page - Richtek Technology Corporation RT8259GE Datasheet HTML 5Page - Richtek Technology Corporation RT8259GE Datasheet HTML 6Page - Richtek Technology Corporation RT8259GE Datasheet HTML 7Page - Richtek Technology Corporation RT8259GE Datasheet HTML 8Page - Richtek Technology Corporation RT8259GE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT8259
3
DS8259-03 March 2011
www.richtek.com
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Feedback Reference Voltage
VFB
4.5V
≤ VIN ≤ 24V
0.784
0.8
0.816
V
Feedback Current
IFB
VFB = 0.8V
--
0.1
0.3
μA
Switch On Resistance
RDS(ON)
--
0.3
--
Ω
Switch Leakage
VEN = 0V, VPHASE = 0V
--
--
10
μA
Current Limit
ILIM
VBOOT − VPHASE = 4.8V
1.6
2.1
--
A
Oscillator Frequency
fSW
1.2
1.4
1.6
MHz
Maximum Duty Cycle
--
80
--
%
Minimum On-Time
tON
--
100
--
ns
Under Voltage Lockout
Threshold
Rising
3.9
4.2
4.5
V
Under Voltage Lockout
Threshold Hysteresis
--
200
--
mV
Logic-High
VIH
1.4
--
--
EN Input Voltage
Logic-Low
VIL
--
--
0.4
V
EN Pull Up Current
VEN = 0V
--
1
--
μA
To be continued
(VIN = 12V, TA = 25° C unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VIN ------------------------------------------------------------------------------------------------ 26V
PHASE Voltage -----------------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
BOOT Voltage ------------------------------------------------------------------------------------------------------- VPHASE + 6V
All Other Pins -------------------------------------------------------------------------------------------------------- 0.3V to 6V
Output Voltage ------------------------------------------------------------------------------------------------------
−0.3V to 15V
Power Dissipation, PD @ TA = 25
°C
T/SOT-23-6 ----------------------------------------------------------------------------------------------------------- 0.4W
Package Thermal Resistance (Note 2)
T/SOT-23-6,
θJA ------------------------------------------------------------------------------------------------------ 250°C/W
Junction Temperature ---------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------ 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ----------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions (Note 4)
Supply Voltage, VIN ------------------------------------------------------------------------------------------------ 4.5V to 24V
Output Voltage, VOUT ---------------------------------------------------------------------------------------------- 0.8V to 15V
EN Voltage, VEN ----------------------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range -------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com