Electronic Components Datasheet Search
  English  ▼

X  

ILX521 Datasheet(PDF) 7 Page - Sony Corporation

Part # ILX521
Description  256-pixel CCD Linear Image Sensor (B/W)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX521 Datasheet(HTML) 7 Page - Sony Corporation

Back Button ILX521 Datasheet HTML 3Page - Sony Corporation ILX521 Datasheet HTML 4Page - Sony Corporation ILX521 Datasheet HTML 5Page - Sony Corporation ILX521 Datasheet HTML 6Page - Sony Corporation ILX521 Datasheet HTML 7Page - Sony Corporation ILX521 Datasheet HTML 8Page - Sony Corporation ILX521 Datasheet HTML 9Page - Sony Corporation ILX521 Datasheet HTML 10Page - Sony Corporation ILX521 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
– 7 –
ILX521AA
φCLK
VOUT
VOUT∗
(Note 2)
t12
t11
t10
(Note 3)
Item
Symbol
Min.
Typ.
Max.
Unit
φCLK – VOUT output delay time 1
φCLK – VOUT output delay time 2
φCLK – VOUT∗ (with S/H) output delay time
t10
t11
t12
—
—
—
150
220
110
—
—
—
ns
ns
ns
Note 1) fck = 1MHz,
φCLK pulse Duty = 50%, φCLK pulse rise/fall time = 10ns
Note 2) Output waveform when internal S/H circuit is used.
Note 3) • is data period.
φCLK Output Signal Timing (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com