Electronic Components Datasheet Search
  English  ▼

X  

ILX535 Datasheet(PDF) 2 Page - Sony Corporation

Part # ILX535
Description  5300 pixel X 3 line CCD Linear Sensor (Color)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX535 Datasheet(HTML) 2 Page - Sony Corporation

  ILX535 Datasheet HTML 1Page - Sony Corporation ILX535 Datasheet HTML 2Page - Sony Corporation ILX535 Datasheet HTML 3Page - Sony Corporation ILX535 Datasheet HTML 4Page - Sony Corporation ILX535 Datasheet HTML 5Page - Sony Corporation ILX535 Datasheet HTML 6Page - Sony Corporation ILX535 Datasheet HTML 7Page - Sony Corporation ILX535 Datasheet HTML 8Page - Sony Corporation ILX535 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
– 2 –
ILX535K
Pin Description
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
2
3
4
5
6
7
8
9
10
11
φRS
VOUT-R
VOUT-G
VDD
NC
NC
NC
NC
NC
φ1
φROG-B
Clock pulse input
Signal out (red)
Signal out (green)
12V power supply
NC
NC
NC
NC
NC
Clock pulse input
Clock pulse input
12
13
14
15
16
17
18
19
20
21
22
φROG-G
φROG-R
φ2
NC
NC
NC
NC
NC
VOUT-B
GND
GND
Clock pulse input
Clock pulse input
Clock pulse input
NC
NC
NC
NC
NC
Signal out (blue)
GND
GND
Recommended Supply Voltage
Item
VDD
Min.
11.4
Typ.
12
Max.
12.6
Unit
V
Clock Characteristics
Symbol
C
φ1, Cφ2
C
φRS
C
φROG
Min.
—
—
—
Typ.
800
10
10
Max.
—
—
—
Unit
pF
pF
pF
Item
Input capacity of
φ1, φ2
Input capacity of
φRS
Input capacity of
φROG∗1
Input Clock Pulse Voltage Condition
High level
Low level
Min.
4.75
—
Typ.
5.0
0
Max.
5.25
0.1
Unit
V
V
Item
φ1, φ2, φRS, φROG
pulse voltage
∗1 It indicates that φROG-
R
,
φROG-G, φROG-B as φROG.
Clock Frequency
Min.
—
Typ.
1
Max.
3
Unit
MHz
Item
Symbol
φ1, φ2, φRS
f
φ1, fφ2, fφRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com