Electronic Components Datasheet Search
  English  ▼

X  

RT8290 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8290
Description  3A, 23V, 340kHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8290 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8290 Datasheet HTML 1Page - Richtek Technology Corporation RT8290 Datasheet HTML 2Page - Richtek Technology Corporation RT8290 Datasheet HTML 3Page - Richtek Technology Corporation RT8290 Datasheet HTML 4Page - Richtek Technology Corporation RT8290 Datasheet HTML 5Page - Richtek Technology Corporation RT8290 Datasheet HTML 6Page - Richtek Technology Corporation RT8290 Datasheet HTML 7Page - Richtek Technology Corporation RT8290 Datasheet HTML 8Page - Richtek Technology Corporation RT8290 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT8290
1
DS8290-02
March 2011
www.richtek.com
General Description
The RT8290 is a high efficiency synchronous step-down
DC/DC converter that can deliver up to 3A output current
from 4.5V to 23V input supply. The RT8290's current mode
architecture and external compensation allow the transient
response to be optimized over a wide range of loads and
output capacitors. Cycle-by-cycle current limit provides
protection against shorted outputs and soft-start eliminates
input current surge during start-up. The RT8290 also
provides output under voltage protection and thermal
shutdown protection. The low current (<3
μA) shutdown
mode provides output disconnection, enabling easy power
management in battery-powered systems. The RT8290
is awailable in an SOP-8 (Exposed Pad) package.
3A, 23V, 340kHz Synchronous Step-Down Converter
Features
4.5V to 23V Input Voltage Range
1.5% High Accuracy Feedback Voltage
3A Output Current
Integrated N-MOSFET Switches
Current Mode Control
Fixed Frequency Operation : 340kHz
Output Adjustable from 0.925V to 20V
Up to 95% Efficiency
Programmable Soft-Start
Stable with Low-ESR Ceramic Output Capacitors
Cycle-by-Cycle Over Current Protection
Input Under Voltage Lockout
Output Under Voltage Protection
Thermal Shutdown Protection
Thermally Enhanced SOP-8 (Exposed Pad) Package
RoHS Compliant and Halogen Free
Applications
Industrial and Commercial Low Power Systems
Computer Peripherals
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation of High-Performance DSPs,
FPGAs and ASICs.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
SOP-8 (Exposed Pad)
SS
BOOT
VIN
GND
SW
FB
EN
COMP
2
3
4
5
8
7
6
GND
9
Typical Application Circuit
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L1
10µH
10nF
22µFx2
R1
26.1k
R2
10k
VOUT
3.3V/3A
10µFx2
VIN
4.5V to 23V
RT8290
SS
8
CSS
0.1µF
COMP
CC
3.9nF
RC
6.8k
CP
NC
6
4,
9 (Exposed Pad)
CBOOT
COUT
CIN
100k
REN
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
RT8290
Lead Plating System
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)


Similar Part No. - RT8290

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
Evaluation Board
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8293AHZSP RICHTEK-RT8293AHZSP Datasheet
565Kb / 11P
Evaluation Board
More results

Similar Description - RT8290

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1570DN-00A MPS-EV1570DN-00A Datasheet
265Kb / 5P
3A, 23V, 340KHz Synchronous Step-Down Converter
EV2307DN-00A MPS-EV2307DN-00A Datasheet
222Kb / 4P
3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8296A RICHTEK-RT8296A Datasheet
290Kb / 14P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8250GSP RICHTEK-RT8250GSP Datasheet
207Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Feeling Technology Corp...
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
3A, 23V, 340KHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com