Electronic Components Datasheet Search
  English  ▼

X  

RT8296A Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8296A
Description  3A, 23V, 340kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8296A Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8296A Datasheet HTML 1Page - Richtek Technology Corporation RT8296A Datasheet HTML 2Page - Richtek Technology Corporation RT8296A Datasheet HTML 3Page - Richtek Technology Corporation RT8296A Datasheet HTML 4Page - Richtek Technology Corporation RT8296A Datasheet HTML 5Page - Richtek Technology Corporation RT8296A Datasheet HTML 6Page - Richtek Technology Corporation RT8296A Datasheet HTML 7Page - Richtek Technology Corporation RT8296A Datasheet HTML 8Page - Richtek Technology Corporation RT8296A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT8296A
3
DS8296A-03 March 2011
www.richtek.com
Function Block Diagram
VA
+
-
+
-
+
-
UV
Comparator
Oscillator
Foldback
Control
0.4V
Internal
Regulator
+
-
2.7V
Shutdown
Comparator
Current Sense
Amplifier
BOOT
VIN
GND
SW
FB
EN
COMP
3V
5k
VA VCC
6
µA
Slope Comp
Current
Comparator
+
-
EA
0.8V
S
R
Q
Q
SS
+
-
1.2V
Lockout
Comparator
VCC
+
85m
Ω
85m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com