Electronic Components Datasheet Search
  English  ▼

X  

RT8298 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8298
Description  6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8298 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8298 Datasheet HTML 9Page - Richtek Technology Corporation RT8298 Datasheet HTML 10Page - Richtek Technology Corporation RT8298 Datasheet HTML 11Page - Richtek Technology Corporation RT8298 Datasheet HTML 12Page - Richtek Technology Corporation RT8298 Datasheet HTML 13Page - Richtek Technology Corporation RT8298 Datasheet HTML 14Page - Richtek Technology Corporation RT8298 Datasheet HTML 15Page - Richtek Technology Corporation RT8298 Datasheet HTML 16Page - Richtek Technology Corporation RT8298 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
DS8298-01
November 2011
www.richtek.com
RT8298
Copyright
2011 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
External N-MOSFET Selection
The RT8298 is designed to operate using an external low
side N-MOSFET. Important parameters for the power
MOSFETs are the breakdown voltage (BVDSS), threshold
voltage (VGS_TH), on-resistance (RDS(ON)), total gate charge
(Qg) and maximum current (ID(MAX)). The gate driver voltage
is from internal regulator (5V, VCC). Therefore logic level
N-MOSFET must be used in the RT8298 application. The
total gate charge (Qg) must be less than 50nC, lower Qg
characteristics results in lower power losses. Drain-source
on-resistance (RDS(ON)) should be as small as possible,
less than 30m
Ω is desirable. Lower RDS(ON) results in
higher efficiency.
Table 2. External N-MOSFET Selection
Part No.
Manufacture
Si7114
Vishay
A04474
ALPHA & OMEGA
FDS6670AS
Fairchild
IRF7821
International Rectifier
Inductor Selection
The inductor value and operating frequency determine the
ripple current according to a specific input and output
voltage. The ripple current
ΔIL increases with higher VIN
and decreases with higher inductance.
OUT
OUT
L
IN
VV
I =
1
fL
V
⎡⎤ ⎡
⎤
Δ× −
⎢⎥ ⎢
⎥
×
⎣⎦ ⎣
⎦
Having a lower ripple current reduces not only the ESR
losses in the output capacitors but also the output voltage
ripple. High frequency with small ripple current can reduce
voltage. For the highest efficiency operation, however, it
requires a large inductor to achieve this goal.
OUT
OUT
L(MAX)
IN(MAX)
VV
L =
1
fI
V
⎡⎤ ⎡
⎤
×−
⎢⎥ ⎢
⎥
×Δ
⎣⎦ ⎣
⎦
The inductor's current rating (cause a 40
°C temperature
rising from 25
°C ambient) should be greater than the
maximum load current and its saturation current should
be greater than the short circuit peak current limit. Please
see Table 3 for the inductor selection reference.
Table 3. Suggested Inductors for Typical
Application Circuit
Component
Supplier
Series
Dimensions
(mm)
10 x 10 x 4
Zenithtek
ZPWM
6 x 6 x 3
WE
74477
10 x 10 x 4
TAIYOYUDEN
NR8040
8 x 10 x 4
OUT
IN
RMS
OUT(MAX)
IN
OUT
V
V
I
= I
1
VV
−
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the high side MOSFET.
To prevent large ripple current, a low ESR input capacitor
sized for the maximum RMS current should be used. The
approximate RMS current equation is given :
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT / 2. This simple worst case condition is
commonly used for design because even significant
deviations do not offer much relief.
Choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to
meet size or height requirements in the design.
where fsw is the switching frequency, tON (min) is the
minimum switch on time (100ns). This equation shows
that the minimum duty cycle increases when the switching
frequency is increased. Therefore, slower switching
frequency is necessary to achieve high VIN/VOUT ratio
application.
For the ripple current selection, the value of
ΔIL= 0.24(IMAX)
will be a reasonable starting point. The largest ripple
current occurs at the highest VIN. To guarantee that the
ripple current stays below the specified maximum, the
inductor value should be chosen according to the following
equation :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com