Electronic Components Datasheet Search
  English  ▼

X  

RT8299 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT8299
Description  3A, 24V, 500kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8299 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT8299 Datasheet HTML 7Page - Richtek Technology Corporation RT8299 Datasheet HTML 8Page - Richtek Technology Corporation RT8299 Datasheet HTML 9Page - Richtek Technology Corporation RT8299 Datasheet HTML 10Page - Richtek Technology Corporation RT8299 Datasheet HTML 11Page - Richtek Technology Corporation RT8299 Datasheet HTML 12Page - Richtek Technology Corporation RT8299 Datasheet HTML 13Page - Richtek Technology Corporation RT8299 Datasheet HTML 14Page - Richtek Technology Corporation RT8299 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
RT8299
12
DS8299-01 May 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 6. Derating Curve of Maximum Power Dissipation
Layout Consideration
Follow the PCB layout guidelines for optimal performance
of the RT8299.
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
SW node is with high frequency voltage swing and should
be kept at small area. Keep analog components away
from the SW node to prevent stray capacitive noise pick-
up.
Connect feedback network behind the output capacitors.
Keep the loop area small. Place the feedback
components near the RT8299.
An example of PCB layout guide is shown in Figure 6 for
reference.
Thermal Considerations
For continuous operation, do not exceed the maximum
operation junction temperature 125
°C. The maximum
power dissipation depends on the thermal resistance of
IC package, PCB layout, the rate of surroundings airflow
and temperature difference between junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
Where TJ(MAX) is the maximum operation junction
temperature , TA is the ambient temperature and the
θJAis
the junction to ambient thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
SOP-8 (Exposed Pad) package, the thermal resistance,
θJA, is 75°C/W on a standard JEDEC 51-7 four-layer
thermal test board. For WDFN-10L 3x3 packageS, the
thermal resistance,
θJA, is 70°C/W on a standard JEDEC
51-7 four-layer thermal test board. The maximum power
dissipation at TA = 25
°C can be calculated by the following
formulas :
PD(MAX) = (125
°C − 25°C) / (75°C/W) = 1.333W for
SOP-8 (Exposed Pad) package
PD(MAX) = (125
°C − 25°C) / (70°C/W) = 1.429W for
WDFN-10L 3x3 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 6 allow the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
025
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
SOP-8 (Exposed Pad)
WDFN-10L 3x3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com