Electronic Components Datasheet Search
  English  ▼

X  

DEMM9P Datasheet(PDF) 278 Page - ITT Industries

Part # DEMM9P
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9P Datasheet(HTML) 278 Page - ITT Industries

Back Button DEMM9P Datasheet HTML 274Page - ITT Industries DEMM9P Datasheet HTML 275Page - ITT Industries DEMM9P Datasheet HTML 276Page - ITT Industries DEMM9P Datasheet HTML 277Page - ITT Industries DEMM9P Datasheet HTML 278Page - ITT Industries DEMM9P Datasheet HTML 279Page - ITT Industries DEMM9P Datasheet HTML 280Page - ITT Industries DEMM9P Datasheet HTML 281Page - ITT Industries DEMM9P Datasheet HTML 282Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 301 page
background image
D Subminiature
Glossary of Terms
Glossary of Terms
Closed Socket Contact — A socket contact in
which the mating cavity limits the entry of a contact
or probe having a diameter larger than the mating
pin.
Coax — Abbreviation for coaxial.
Coaxial Cable — A cable that comprises a single
copper wire surrounded by insulating material,
wire shielding or mesh, and a plastic protective
sheath.
Component — An essential functional part of the
connector.
Contact — The conductive element in a connector
which makes the actual connection between the
wire and the mating connector for the purpose of
transferring electrical energy. Ideally the contact
should add nothing to the circuit. In the real world,
however, contacts typically have a small
CONTACT RESISTANCE and associated potential
drop.
Contact Alignment — The overall play that a
contact has in the insulator cavity to allow the
mating contacts to self align. Also called contact
float.
Contact Arrangement — See LAYOUT.
Contact Cavity — A defined hole in the connector
insulator into which the contacts fit. The cavities
are generally marked with a unique designation or
number for ease of identification.
Contact Resistance — The maximum amount of
resistance which a contact introduces into the
connection when carrying a specified current
(usually stated in milliohms). When not stated,
values are typically given for ‘‘Initial’’ or ‘‘new’’
contacts. Most specifications also limit the
maximum resistance during or after each of a
series of extreme tests, such as ‘‘Contact
Resistance After Corrosion Test’’. These figures
are typically slightly higher than ‘‘Initial’’.
Contact Retention — The maximum allowable
axial load which can be applied to a contact from
either direction without it being dislodged from the
insulator. Usually stated in Newtons or pounds of
force.
Contact Separation Force — The force required
to separate a pair of mated contacts. Usually
stated in Newtons or pounds of force.
Contact Size — This usually relates to the
maximum size wire this contact can nominally
accommodate. It is based on that AWG size most
closely corresponds to the circular mil area of the
engaging end of a pin contact for that size. For
example, a size 16 contact can accomodate a size
16 AWG wire maximum and the pin corresponds to
the CMA of a size 16 AWG. Note, however, that
oversized crimp pots are available for some crimp
contacts which will allow, for example, a size 16
contact to accommodate a size 14 AWG wire.
Contact Spacing — The distance between the
centers of adjacent contacts.
Creepage — The conduction of electricity across
the surface of an insulator.
Creepage Distance — The shortest distance
between contacts of opposite polarities, or
between a live contact and ground, measured over
the surface of the insulator.
Creepage Path — A path across the surface of the
insulator between two conductors. Lengthening
the path reduces the possibility of arc damage.
Crimp — A method of attaching a contact to a wire
through the application of pressure.
Crimp Contact — A contact which is terminated to
a wire by means of crimping with an appropriate
die and tool. After termination, an insertion tool is
normally used to insert the crimped contact into
the connector. Removable crimp contacts can be
FRONT RELEASE or REAR RELEASE. An
extraction tool is usually required to remove the
contact.
Crosstalk — Undesired electrical currents in
conductors
caused
by
electromagnetic
or
electrostatic coupling from other conductors or
from external sources. Also, leakage of optical
power from one optical conductor to another.
CSA — Abbreviation for Canadian Standards
Association.
Current — The movement of electrons through a
conductor. Current is measured in amperes. Its
symbol is L.
Current Rating — The maximum current that a
particular wire, contact, or connector can
accommodate. NOTE: When several wires are
used in a single connector or elevated temperature
or altitude is involved, derating curves must be
applied to these ratings. A typical derating system
is MIL-W-5088 which allows the user to calculate
the
derating
effects
of
current,
ambient
temperature, number of wires in the bundle, and
altitude.
Decibel — A standard unit of measure for
transmission gain or loss. It expresses the ratio of
power input to power output. Abbreviated dB. The
term dBm is used when 1 milliwatt is the reference
level.
Derating — To reduce the voltage, current, or
power rating of a connector to improve its
reliability or to permit operation at high ambient
temperatures or altitudes.
Derating Curve — A graph of the change in power
handling capability of a connector as a function of
ambient temperature or altitude. Typically the
graphed function is curved, hence the name.
Diallyl Phthalate — A thermosetting plastic used
for insulators and some types of connector
housings. It has outstanding resistance to
chemicals, excellent dimensional stability, and
superior electrical insulating properties.
Dielectric — An insulator used to isolate two
conductors having a low loss factor (RF cables).
The perfect insulator is a vacuum.
Dielectric Constant — That property (K) of an
insulating material which is the ratio of the parallel
capacitance (C) of a given configuration of
electrodes with the material as the dielectric, to the
capacitance of the same electrode configuration
with a vacuum as the dielectric.
Digital — A signal comprising discrete elements.
DIN — Abbreviation for Deutsche Industrie Norm,
a German standards organization.
Direct Current — An essentially constant value of
current that flows in only one direction.
Abbreviated dc.
Dust Cap — A cover used in place of a mating
connector to seal it against dirt and moisture.
Usually secured to the connector by a captive
chain, wire, or rope.
Electroplating — To deposit a metal on the
surface of a conductor using electrolysis.
EMI/RFI — Electro-Magnetic Interference and
Radio Frequency Interference. This is unwanted
stray electronic radiation which may enter, and/or
be emitted by an electronic system. The most
common method of shielding interconnections
against this radiation is to use wires with a metallic
braided shield and a connector system which will
extend the shield through the interconnection. This
type of design will keep radiation from entering, or
being emitted by the system. Backshells for
shielded cable and connectors with threads or
grounding fingers are typically used for this
purpose.
Call
for
the
specific
EMI/RFI
accommodations of the connectors in this catalog.
Dimensions are shown in mm (inch)
Dimensions subject to change
277



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com