| Electronic Components Datasheet Search |
|
DEMM9P Datasheet(PDF) 279 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEMM9P Datasheet(HTML) 279 Page - ITT Industries |
|
279 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change D Subminiature Glossary of Terms Glossary of Terms EN — Abbreviation for Euro Norm. A European market-wide product standard. Endbell — See BACKSHELL. Extraction Tool — A device used to remove a (removable) contact from a connector insulator. The extraction tool may be inserted into the mating face of the insulator (FRONT RELEASE) or the wire side (REAR RELEASE). In either case, the contact comes out the rear, or wire side, of the connector. Fahrenheit — A temperature scale in which the freezing point of water is defined as 32 ° and the boiling point is 212 ° at normal atmospheric pressure. See the conversion tables for converting Fahrenheit to Celsius. Abbreviated F. Female Contact — See SOCKET CONTACT. Ferrule — A bell shaped ring which is placed over a WIRE SEALING GROMMET to provide uniform axial compression of the grommet and to minimize the transmission of torque to the grommet when the backshell is screwed on to the rear of the connector. Ferrules are a part of the sealing mechanism at the rear of a connector. Ferrules are normally a separate component part of the connector although some backshells have integrated ferrules. Ferrules are usually made from a thermoplastic material, but occasionally ferrules are made of metal. Finish — The metalic coatings used on contacts and metal connectors. These are thin layers of metal designed to improve conductivity, solderability, or to resist corrosion. Typical contact finishes are gold or silver. Typical shell finishes are olive drab over cadmium, electroless nickel, or black anodize. Flange — A square mounting flange with four mounting holes for bolting the connector to a panel. The mounting holes may be through holes or threaded. Flanged Receptacle — (Also known as a Box Mount or Wall Mount) The shell of this connector has a square flange with mounting holes at each corner. Mounting holes are usually through holes, but may be threaded. Flanged receptacles can usually be front or rear panel mounted depending upon panel thickness. Some connectors have two different versions, one for front mounting, and one for rear panel mounting. Flash Plating — As commonly used in connector terminology, flash refers to extremely thin platings of metal, for example: gold flash is a very thin plating of gold. So thin, that the thickness is generally not specified. Front Mounting — A receptacle that can only be mounted to the front of a panel with its mounting FLANGE outside the equipment. Front Release — For crimp type removable contacts, front release means that the appropriate extraction tool is inserted from the front, or mating face, of the connector. The contact is then pushed out the rear (wire side) of the connector. Gas Tight — The mating of two contact surfaces which are so tight that corrosive gasses can not enter the joint. Gold — A precious metal that is more conductive than silver or copper. Because it does not corrode and is highly conductive, it is used as plating for contacts. Its chemical symbol is Au. Grommet Cavity — A defined hole in the WIRE SEALING GROMMET through which the wires are passed. The cavities are generally marked with a unique designation or number for ease of use. Guide Pin — A special pin which is inserted into a socket contact before the contact can be inserted into the connector insulator. Guide pins provide a rounded surface at the front of the socket and greatly aid in pushing the contact into the insulator thus avoiding damage to both the insulator and the contact. Typically, small size socket contacts require the use of guide pins while larger sizes can be inserted without them. Harness — A group of wires or cables bundled together with attached connectors and/or components in a preshaped assembly. Hz — Symbol for Hertz, an international unit of frequency equal to one cycle per second. That is, 20,000 Hz is 20,000 cycles per second. I/O — Input/Output IEC — Abbreviation for the International Electrotechnical Commission. An international organization that develops standards exclusively for electrical engineering. CENELEC is the equivalent organization at the European level. Impedance Match — When a transmission line is terminated so that VSWR = 1.00. Another definition is when a source is terminated in an impedance that allows optimum energy transfer. Indentor — The part of a crimping die which indents the contact barrel to form the actual crimp. Indentors normally make six or eight multiple indentions for each crimp. Initial — A test result taken prior to any other environmental testing. For example, contact resistance is frequently specified ‘‘Initial’’, that is, with ‘‘new’’ contacts. Most specifications also limit the maximum resistance during or after each of a series of extreme tests, such as ‘‘Contact Resistance After Corrosion Test’’. These figures are typically slightly higher than ‘‘Initial’’. Insert — See INSULATOR. Insert Arrangement — See LAYOUT. Insert Retention Force — The maximum allowable force which should be applied to the face of the insulator without dislodging it from the shell or causing any change in connector performance specifications. Usually stated in Newtons or pounds of force. Insertion Force — The effort, usually stated in ounces or Newtons, required to engage two contacts or connector halves. Insertion Loss — The attenuation that results when a transducer is inserted in a transmission line. It is the ratio of the power input to the transducer to the power out of the transducer expressed in decibels. Insertion Tool — A small, hand-held tool used to insert contacts into a connector. Insulation — A material that has high electrical resistance and is suitable for covering or encasing electrical components to prevent a short circuit. Insulation Displacement Connector (IDC) — A connector contact with sharp tines which pierce and displace the wire insulation and make direct electrical connection with the conductor. Normally used with multipin connectors which must be terminated to flat cable. This is a fast, low cost method to terminate many conductors simultaneously. Insulation Resistance — The minimum resistance (usually stated in Megohms) between adjacent contacts and between the contacts and the shell at a specific voltage. When not stated, values are typically given for new insulators. Most specifications also specify minimum resistance figures during or after each of a series of extreme tests, such as ‘‘Insulation Resistance During Dry Heat’’. Insulation Support — An extended portion at the rear of a crimp contact that is crimped around the wire insulation to provide extra strain relief. This crimp is in addition to the crimp over the conductor which provides the actual electrical termination. 278 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |