Electronic Components Datasheet Search
  English  ▼

X  

DBMM25P Datasheet(PDF) 193 Page - ITT Industries

Part # DBMM25P
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMM25P Datasheet(HTML) 193 Page - ITT Industries

Back Button DBMM25P Datasheet HTML 189Page - ITT Industries DBMM25P Datasheet HTML 190Page - ITT Industries DBMM25P Datasheet HTML 191Page - ITT Industries DBMM25P Datasheet HTML 192Page - ITT Industries DBMM25P Datasheet HTML 193Page - ITT Industries DBMM25P Datasheet HTML 194Page - ITT Industries DBMM25P Datasheet HTML 195Page - ITT Industries DBMM25P Datasheet HTML 196Page - ITT Industries DBMM25P Datasheet HTML 197Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
192
D Subminiature
Space/High Reliability
Metal Backshell
Metal Backshells provide strain relief.
Various profiles available for different cable routing
requirements.
Product Features
Qualified to MIL-Spec M85049
Materials and Finishes
Material:
Brass
Finish:
50 in. Gold over Copper
Deep Straight Clamp
Kit consists of 1 shell, 2 cable clamps,
2 screws, 2 hex nuts
B
E
CABLE
ENTRY
2X Ø 3,45
(.136)
C
A
F
CABLE
ENTRY
G
0,38
± ,013
(.015
± .005)
H MAX
D MAX
Shell Size
Layout
Part Number
Non-Magnetic
A
±0,38 (.015)
B
±0,572 (.0225)
C
±0,13 (.005)
D
max.
E
±0,38 (.015)
F
±0,38 (.015)
G
±0,38 (.015)
H
max.
DE
9
DE24657-16
30,56 (1.203)
12,484 (.4915)
24,99 (.984)
14,68 (.578)
9,53 (.375)
9,53 (.375)
19,05 (.750)
31,75 (1.250)
DA
15
DA24658-15
38,89 (1.531)
12,484 (.4915)
33,32 (1.312)
14,68 (.578)
18,11 (.713)
7,93 (.312)
19,05 (.750)
31,75 (1.250)
DB
25
DB24659-15
52,78 (2.078)
12,484 (.4915)
47,04 (1.852)
14,68 (.578)
25,40 (1.000)
7,93 (.312)
25,40 (1.000)
39,70 (1.563)
DC
37
DC24660-16
69,04 (2.718)
12,484 (.4915)
63,50 (2.500)
14,68 (.578)
34,93 (1.375)
7,93 (.312)
25,40 (1.000)
39,70 (1.563)
DD
50
DD24661-13
66,68 (2.625)
15,253 (.6005)
61,11 (2.406)
17,45 (.687)
35,71 (1.406)
10,31 (.406)
28,57 (1.125)
42,88 (1.688)
Round Cable Clamp
Kit consists of 1 shell, 2 screws, 2 hex nuts
B
Ø D MAX
CABLE ENTRY
2X Ø 3,05
(.120)
A
C
E
G
F
0,38
± 0,13
(.015
± .005)
Shell Size
Layout
Part Number
Non-Magnetic
A
±0,38 (.015)
B
±0,38 (.015)
C
±0,13 (.005)
XD
max.
E
±0,38 (.015)
F
±0,38 (.015)
G
±0,76 (.030)
DE
9
DE44994-2
30,68 (1.208)
12,70 (.500)
24,99 (.984)
10,31 (.406)
16,79 (.661)
3,18 (.125)
26,18 (1.031)
DA
15
DA20961-16
38,89 (1.531)
12,70 (.500)
33,33 (1.312
10,31 (.406)
24,99 (.984)
3,18 (.125)
26,18 (1.031)
DB
25
DB20962-18
52,78 (2.078)
12,70 (.500)
47,04 (1.852)
15,06 (.593)
38,48 (1.515)
4,75 (.187)
26,98 (1.062)
DC
37
DC20963-17
69,04 (2.718)
12,70 (.500)
63,50 (2.500)
18,23 (.718)
55,14 (2.171)
6,35 (.250)
26,98 (1.062)
DD
50
DD20964-19
66,68 (2.625)
15,47 (.609)
61,11 (2.406)
20,62 (.812)
53,16 (2.093)
7,92 (.312)
26,98 (1.062)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com