Electronic Components Datasheet Search
  English  ▼

X  

DBMM25P Datasheet(PDF) 195 Page - ITT Industries

Part # DBMM25P
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMM25P Datasheet(HTML) 195 Page - ITT Industries

Back Button DBMM25P Datasheet HTML 191Page - ITT Industries DBMM25P Datasheet HTML 192Page - ITT Industries DBMM25P Datasheet HTML 193Page - ITT Industries DBMM25P Datasheet HTML 194Page - ITT Industries DBMM25P Datasheet HTML 195Page - ITT Industries DBMM25P Datasheet HTML 196Page - ITT Industries DBMM25P Datasheet HTML 197Page - ITT Industries DBMM25P Datasheet HTML 198Page - ITT Industries DBMM25P Datasheet HTML 199Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
194
D Subminiature
Space/High Reliability
Screw Lock Assemblies
ITT Cannon offers the largest variety of locking and
latching hardware.
Front Panel Mount
Rear Panel Mount
Product Features
Ensures positive mating
Provides locking and latching for high
vibration applications
SCREW
CLIP
WITH
THD
NUT
WASHER
LOCK
WASHER
HEX NUT
MOUNTING
PANEL
D SUBMINIATURE
CONNECTOR
PIN OR SOCKET
D SUBMINIATURE
CONNECTOR
PIN OR SOCKET
Female Screw Lock
Kit consists of 1 nut, 3 washers, 1 lock
washer, 1 hex nut
Order 2 per connector
4,78
± 0,38
(.188
± .015)
4,78
± 0,38
(.188
± .015)
A
(ACROSS FLATS)
HEX
NOTE:
(1) A 6 inch/pound (female) and 4 inch/pound (male) maximum torque during assembly is recommended on steel screw lock
assemblies.
(2) A third flat washer is supplied for front panel mounting of tab shell connectors.
#4-40 UNC-2B THD
REAR FLANGE (REF)
#4-40 UNC-2A THD
6,35 (.250) APPROX
REMOVE ONE WASHER
FOR EACH 0,76 (.030)
OF PANEL THICKNESS
WHEN REAR MOUNTING
1,52 (.060) MAX PANEL
Part Number
Non-Magnetic Brass
Gold Finish
A
±0,38 (.015)
D20418-52
7,92 (.312)
—
12,70 (.500)
D20418-70
14,50 (.571)
D20418-101
15,88 (.625)
Front Panel Mount
Rear Panel Mount
Male Screw Lock
Kit consists of 1 screw and 1 clip
Order 2 per connector
Material:
Copper Alloy
Finish:
Gold over Copper
B
SCREW
#4-40 UNC-2A THD
C
CLIP GAP
A
CLIP
Shell Size
Part Number
A
±0,38 (.015)
B
±0,25 (.010)
C
±0,13 (.005)
DE, DA, DB, DC
D20419-74
14,10 (.555)
6,35 (.250)
1,22 (.048)
DE, DA, DB, DC
D20419-48
14,10 (.555)
7,14 (.281)
1,70 (.067)
DE, DA, DB, DC
D20419-73
14,10 (.555)
7,14 (.281)
1,70 (.067)
DE, DA, DB, DC
D20419-84
14,10 (.555)
7,14 (.281)
2,34 (.092)
DD
D20420-67
16,66 (.656)
7,14 (.281)
1,22 (.048)
DD
D20420-49
16,66 (.656)
6,35 (.250)
1,70 (.067)
DD
D20420-63
16,66 (.656)
7,14 (.281)
1,22 (.048)
DD
D20420-88
16,66 (.656)
7,92 (.312)
2,34 (.092)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com