Electronic Components Datasheet Search
  English  ▼

X  

RT9008 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9008
Description  Low Dropout Linear Regulator Controller with Soft-Start
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9008 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9008 Datasheet HTML 1Page - Richtek Technology Corporation RT9008 Datasheet HTML 2Page - Richtek Technology Corporation RT9008 Datasheet HTML 3Page - Richtek Technology Corporation RT9008 Datasheet HTML 4Page - Richtek Technology Corporation RT9008 Datasheet HTML 5Page - Richtek Technology Corporation RT9008 Datasheet HTML 6Page - Richtek Technology Corporation RT9008 Datasheet HTML 7Page - Richtek Technology Corporation RT9008 Datasheet HTML 8Page - Richtek Technology Corporation RT9008 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9008
2
DS9008-01 April 2011
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin No.
Pin N ame
Pin Function
1
EN
Enable Input Pin. (Active High)
2
GND
Ground.
3
FB
Output Voltage Feedback Reference Input.
4
SS
Soft Start Control.
5
DR I
D river Output.
6
VCC
Power Supply Input.
+
-
Shutdown
Logic
0.8V
Reference
GND
FB
SS
DRI
VCC
EN
Test Circuit
VCC
EN
SS
DRI
FB
GND
RT9008
CCC
VCC
4
2
3
5
6
1
Chip Enable
1µF
CFB
VFB
A
VDRI
5V
12V
Figure 1. Typical Test Circuit
Figure 2. DRI Source/Sink Current Test Circuit
VCC
EN
SS
DRI
FB
GND
RT9008
R1
R2
COUT
VIN
CCC
CSS
VCC
CIN
4
23
5
6
1
Chip Enable
VOUT
Q1
1µF/X7R
100µF/EC
100µF/EC
1k
2k
100pF/
Ceramic
PHD3055



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com