Electronic Components Datasheet Search
  English  ▼

X  

RT9166B Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9166B
Description  600mA, Ultra-Fast Transient Response Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166B Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9166B Datasheet HTML 1Page - Richtek Technology Corporation RT9166B Datasheet HTML 2Page - Richtek Technology Corporation RT9166B Datasheet HTML 3Page - Richtek Technology Corporation RT9166B Datasheet HTML 4Page - Richtek Technology Corporation RT9166B Datasheet HTML 5Page - Richtek Technology Corporation RT9166B Datasheet HTML 6Page - Richtek Technology Corporation RT9166B Datasheet HTML 7Page - Richtek Technology Corporation RT9166B Datasheet HTML 8Page - Richtek Technology Corporation RT9166B Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
DS9166B-01 April 2011
www.richtek.com
RT9166B
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These
are for stress ratings. Functional operation of the device at these or any other conditions beyond those indicated
in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in the natural convection at TA= 25°C on a high effective four-layer thermal conductivity test board
of JEDEC 51-7 thermal measurement standard. The measurement case position of
θJC is on the expose pad of
the package.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Note 5.
Quiescent, or ground current, is the difference between input and output currents. It is defined by IQ = IIN
− IOUT
under no load condition (IOUT = 0mA). The total current drawn from the supply is the sum of the load current plus
the ground pin current.
Note 6.
Regulation is measured at constant junction temperature by using a 20ms current pulse. Devices are tested for
load regulation in the load range from 1mA to 600mA respectively.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com