Electronic Components Datasheet Search
  English  ▼

X  

ILX554 Datasheet(PDF) 3 Page - Sony Corporation

Part # ILX554
Description  2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX554 Datasheet(HTML) 3 Page - Sony Corporation

  ILX554 Datasheet HTML 1Page - Sony Corporation ILX554 Datasheet HTML 2Page - Sony Corporation ILX554 Datasheet HTML 3Page - Sony Corporation ILX554 Datasheet HTML 4Page - Sony Corporation ILX554 Datasheet HTML 5Page - Sony Corporation ILX554 Datasheet HTML 6Page - Sony Corporation ILX554 Datasheet HTML 7Page - Sony Corporation ILX554 Datasheet HTML 8Page - Sony Corporation ILX554 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
– 3 –
ILX554A
Electro-optical Characteristics
(Ta = 25°C, VDD = 5V, Clock frequency: 1MHz, Light source = 3200K,
IR cut filter: CM-500S (t = 1.0mm), Without S/H mode)
Item
Min.
Sensitivity 1
Sensitivity 2
Sensitivity nonuniformity
Saturation output voltage
Dark voltage average
Dark signal nonuniformity
Image lag
Dynamic range
Saturation exposure
5V current consumption
Total transfer efficiency
Output impedance
Offset level
180
—
—
0.8
—
—
—
—
—
—
92
—
—
Typ.
240
3500
5.0
1.0
3.0
6.0
1
333
0.004
5.0
98.0
250
2.85
Max.
300
—
10.0
—
6.0
12.0
—
—
—
10
—
—
—
Unit
V/(lx · s)
V/(lx · s)
%
V
mV
mV
%
—
lx · s
mA
%
Ω
V
Symbol
R1
R2
PRNU
VSAT
VDRK
DSNU
IL
DR
SE
IVDD
TTE
ZO
VOS
Remarks
Note 1
Note 2
Note 3
—
Note 4
Note 4
Note 5
Note 6
Note 7
—
—
—
Note 8
DD
D
SI
Vout
VOS
GND
Note)
1. For the sensitivity test light is applied with a uniform intensity of illumination.
2. Light sourse: LED
λ = 660nm
3. PRNU is defined as indicated below. Ray incidence conditions are the same as for Note 1.
PRNU =
× 100 [%]
4. Integration time is 10ms.
5. Typical value is used for clock pulse and readout pulse. VOUT = 500mV.
6.
DR =
When optical integration time is shorter, the dynamic range sets wider because dark voltage is in
proportion to optical integration time.
7.
SE =
8. VOS is defined as indicated below.
The maximum output of all the valid pixels is set to VMAX,
the minimum output to VMIN and the average output to VAVE.
VSAT
VDRK
VSAT
R1
(VMAX – VMIN)/2
VAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com