Electronic Components Datasheet Search
  English  ▼

X  

RT8800B Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT8800B
Description  General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8800B Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT8800B Datasheet HTML 17Page - Richtek Technology Corporation RT8800B Datasheet HTML 18Page - Richtek Technology Corporation RT8800B Datasheet HTML 19Page - Richtek Technology Corporation RT8800B Datasheet HTML 20Page - Richtek Technology Corporation RT8800B Datasheet HTML 21Page - Richtek Technology Corporation RT8800B Datasheet HTML 22Page - Richtek Technology Corporation RT8800B Datasheet HTML 23Page - Richtek Technology Corporation RT8800B Datasheet HTML 24Page - Richtek Technology Corporation RT8800B Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
RT8800/B
21
DS8800/B-08 April 2011
www.richtek.com
Layout Considerations
Place the high-power switching components first, and
separate them from sensitive nodes.
1. Most critical path:
The current sense circuit is the most sensitive part of
the converter. The current sense resistors tied to
ISP1,2,3 and ICOMMON should be located not more
than 0.5 inch from the IC and away from the noise
switching nodes. The PCB trace of sense nodes should
be parallel and as short as possible. R&C filter of choke
should place close to PWM and the R & C connect
directly to the pin of each output choke, use 10 mil
differencial pair, and 20 mil gap to other phase pair.
Less via as possible.
Figure 22. Power Stage Ripple Current Path
SW2
L2
SW1
L1
C
OUT
R
L
V
OUT
V
IN
R
IN
C
IN
V
2. Switching ripple current path:
a. Input capacitor to high side MOSFET.
b. Low side MOSFET to output capacitor.
c. The return path of input and output capacitor.
d. Separate the power and signal GND.
e. The switching nodes (the connection node of high/
low side MOSFET and inductor) is the most noisy
points. Keep them away from sensitive small-signal
node.
f . Reduce parasitic R, L by minimum length, enough
copper thickness and avoiding of via.
3. MOSFET driver should be closed to MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com