Electronic Components Datasheet Search
  English  ▼

X  

RT8855 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8855
Description  4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8855 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8855 Datasheet HTML 9Page - Richtek Technology Corporation RT8855 Datasheet HTML 10Page - Richtek Technology Corporation RT8855 Datasheet HTML 11Page - Richtek Technology Corporation RT8855 Datasheet HTML 12Page - Richtek Technology Corporation RT8855 Datasheet HTML 13Page - Richtek Technology Corporation RT8855 Datasheet HTML 14Page - Richtek Technology Corporation RT8855 Datasheet HTML 15Page - Richtek Technology Corporation RT8855 Datasheet HTML 16Page - Richtek Technology Corporation RT8855 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
RT8855
13
DS8855-01 April 2011
www.richtek.com
CORE Section- Differential Output Voltage Sensing
The RT8855 uses differential voltage sensing by a high
gain low offset ErrorAmp as shown in Figure 7. Connect
the negative on-die CPU remote sense pin to FBRTN.
Connect the positive on-die remote sense pin to FB with
a resistor (RFB) The ErrorAmp compares EAP
( = VDAC
− VADJ) with the VFB to regulate the output voltage.
CORE Section- Programmable Load-line
Output current of CSA is summed and averaged in
RT8855. Then 0.5
Σ (IX[n]) is sent to ADJ pin. Because
Σ IX[n] is a PTC (Positive Temperature Coefficient) current,
an NTC (Negative Temperature Coefficient) resistor is
needed to connect ADJ pin to GND. If the NTC resistor is
properly selected to compensate the temperature
coefficient of IX[n], the voltage on ADJ pin will be
proportional to IOUT without temperature effect. In RT8855,
the positive input of ErrorAmp is
“V
DAC
− VADJ”. VOUT will
follow
“V
DAC
− VADJ”, too. Thus, the output voltage
decreasing linearly with IOUT is obtained. The loadline is
defined as :
OUT
ADJ
ADJ
OUT
OUT
CSN
VV
R
1
LL(loadline)
DCR
II
2
R
ΔΔ
==
= ×
×
ΔΔ
Briefly, the resistance of RADJ sets the resistance of
loadline. The temperature coefficient of RADJ compensates
the temperature effect of loadline.
CORE Section- Load Transient Quick Response
In steady state, the voltage of VFB is controlled to be very
close to VEAP. While a load step transient from light load
to heavy load could cause VFB lower than VEAP by several
tens of mV. In prior design, owing to limited control
bandwidth, controller is hard to prevent VOUT undershoot
during quick load transient from light load to heavy load.
RT8855 buit in proprietary Burst Transient Response
(BTRTM ) technology, that detects load transient by
comparing VFB and VEAP. If VFB suddenly drops below
“V
EAP
− VOR”, VQR is a predetermined voltage. The quick
response indicator QR rises up. When QR = high, RT8855
turns on all high side MOSFETs and turn off all low side
MOSFETs. The sensitivity of quick response can be
adjusted by the values of CFB and RFB. Smaller RFB and/
or larger CFB will make QR easier to be trigger. Figure8 is
the circuit and typical waveforms.
CORE Section- No-Load Offset
In Figure 7, IOFSP and IOFSN are used to generate no-load
offset. Either IOFSP or IOFSN is active during normal operation.
Connect a resistor from OFS pin to GND to activate IOFSN.
IOFSN flows through RFB from FB pin to VCCP. In this case,
negative no-load offset voltage (VOFSN) is generated.
Connect a resistor from OFS pin to 5VCC to activate IOFSP.
IOFSP flows through RFB from the VCCP to FB pin. In this
case, positive no-load offset voltage (VOFSP) is generated.
Beside IOFSN and IOFSP, the RT8855 generates another DC
current for initial no-load negative offset. A DC current
source will continuously inject typical 9uA current into
the resistors connected to ADJ pin, Therefore, the effect
of this 9uA current source and ADJ resistors should
counted into the calculation of no-load offset :
OFSN
OFSN
FB
ADJ
FB
ADJ
OFS
VI
R
9u R
R
0.4
9u R
R
=×
+
×
=×
+
×
OFSP
OFSP
FB
ADJ
FB
ADJ
OFS
VI
R
9u R
R
0.4
9u R
R
=×
−
×
=×
−
×
Figure 7. Circuit for VCORE Differential Sensing and No
load Offest.
FB
CFB
RFB
VCCP
(Positive remote
sense pin of CPU)
+
-
EA
+-
VDAC
+
-
EAP
COMP
FBRTN
ADJ
C1
C2
R1
VCCN
(Negative remote
sense pin of CPU)
RADJ
IOFSN
IOFSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com