Electronic Components Datasheet Search
  English  ▼

X  

RT8856 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT8856
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8856 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT8856 Datasheet HTML 15Page - Richtek Technology Corporation RT8856 Datasheet HTML 16Page - Richtek Technology Corporation RT8856 Datasheet HTML 17Page - Richtek Technology Corporation RT8856 Datasheet HTML 18Page - Richtek Technology Corporation RT8856 Datasheet HTML 19Page - Richtek Technology Corporation RT8856 Datasheet HTML 20Page - Richtek Technology Corporation RT8856 Datasheet HTML 21Page - Richtek Technology Corporation RT8856 Datasheet HTML 22Page - Richtek Technology Corporation RT8856 Datasheet HTML 23Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
RT8856
21
DS8856-03
June 2011
www.richtek.com
Users can use the same NTC thermistor for both thermal
throttling and current limit setting as shown in Figure 9.
Just divide the ROC1b into RTTa and RTTb, and write the
VNTC equation at thermal throttling temperature TT
°C :
RTTa + RTTb = ROC1b
(26)
OC2
TTb
CC
OC2
OC1b
OC1a
NTC, TT C
CC
RR
V
RR
R
// R
0.8 V
°
+
×
++
=×
(27)
Solving (26) and (27) for RTTa and RTTb as :
RTTb = 4 x (ROC1a // RNTC, TT°C )−ROC2
(28)
RTTa = ROC1b
− RTTb
(29)
NTC
RT8856
+
-
0.8 x VCC
VRTT
CMP
VCC
ROC1b
ROC2
ROC1a
NTC
Figure 9. Using single NTC Thermistor for Thermal
Throttling and Current Limit Setting
Current Monitor
The current monitor allows the system to accurately
monitor the CPU's current dissipation and quickly predict
whether the system is about to overheat before the
significantly slower temperature sensor signals an over
temperature alert. The voltage output of CM pin is
proportional to the output current. This pin is connected
to ground with one resistor while CMSET pin is connected
to VVSEN with another resistor. By choosing the appropriate
ratio of these two resistors, current monitor gain can be
set and VCM will be 1V with maximum output current.
Maximum value of VCM is clamped at 1.15V.
=×
× ×
CM
CM
LOAD
DROOP
CMSET
R
VI
R
2
R
(30)
Inductor Selection
The switching frequency and ripple current determine the
inductor value as follows :
OUT(MIN)
MIN
MIN
SW
Ripple
V(1 D
)
LN
fI
×−
=×
×
(31)
where N is the total number of phases. DMIN is the minimum
duty at highest input voltage VIN.
Higher inductance yields in less ripple current and hence
in higher efficiency. The flaw is the slower transient
response of the power stage to load transients. This might
increase the need for more output capacitors driving the
cost up. Find a low loss inductor having the lowest possible
DC resistance that fits in the allotted dimensions. The
core must be large enough not to saturate at the peak
inductor current.
Output Capacitor Selection
Output capacitors are used to obtain high bandwidth for
the output voltage beyond the bandwidth of the converter
itself. Usually, the CPU manufacturer recommends a
capacitor configuration. Two different kinds of output
capacitors can be found, bulk capacitors closely located
to the inductors and ceramic output capacitors in close
proximity to the load. The latter ones are for mid frequency
decoupling with especially small ESR and ESL values
while the bulk capacitors have to provide enough stored
energy to overcome the low frequency bandwidth gap
between the regulator and the CPU.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com