Electronic Components Datasheet Search
  English  ▼

X  

RT8859M Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT8859M
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8859M Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT8859M Datasheet HTML 35Page - Richtek Technology Corporation RT8859M Datasheet HTML 36Page - Richtek Technology Corporation RT8859M Datasheet HTML 37Page - Richtek Technology Corporation RT8859M Datasheet HTML 38Page - Richtek Technology Corporation RT8859M Datasheet HTML 39Page - Richtek Technology Corporation RT8859M Datasheet HTML 40Page - Richtek Technology Corporation RT8859M Datasheet HTML 41Page - Richtek Technology Corporation RT8859M Datasheet HTML 42Page - Richtek Technology Corporation RT8859M Datasheet HTML 43Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
RT8859M
39
DS8859M-05 July 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Current Mirror
IMONFB
+
-
VDAC
RIMONFB
VCC_SENSE
IMirror
QR trigger
The CORE VR utilizes a quick response feature to support
heavy load current demand during instantaneous load
transient. The CORE VR monitors the current of the
IMONFB pin, and this current is mirrored to internal quick
response circuit. At steady state, this mirrored current
will not trigger a quick response. When the VOUT, CORE
voltage drops abruptly due to load apply transient, the
mirrored current flowing into quick response circuit will
also increase instantaneously. When the mirrored current
instantaneously rises above 5
μA , quick response will be
triggered.
When quick response is triggered, the quick response
circuit will generate a quick response pulse. The internal
quick response pulse generation circuit is similar to the
on-time generation circuit. The only difference is the
QRSET pin. The voltage at the QRSET pin also influences
the pulse width of quick response. A voltage divider circuit
is recommended to be applied to the QRSET pin.
Figure 13. CORE VR : Quick Response Triggering
Circuit
Therefore, with a little modification of equation (12), the
pulse width of quick response pulse can be calculated
as :
12
QRSET
ON, QR
ON
TON
QRSET
IN
DAC
V
t
x t
1.2
20.33 x 10
x R
x V
VV
−
=
=
−
(27)
After generating a quick response pulse, the pulse is then
applied to the on-time generation circuit, and all the active
phases' on-times will be overridden by the quick response
pulse.
Over Current Protection
The CORE VR compares a programmable current limit
set point to the voltage from the current sense amplifier
output of each phase for Over Current Protection (OCP).
Therefore, the OCP mechanism of the RT8859M
implements per-phase current protections. The voltage
applied to the OCSET pin defines the desired current limit
threshold, ILIMIT :
VOCSET = 48 x ILIMIT x RSENSE
(28)
Connect a resistive voltage divider from VCC to GND, and
the joint of the resistive voltage divider is connected to
the OCSET pin as shown in Figure 14. For a given ROC2,
(29)
⎛⎞
=−
⎜⎟
⎝⎠
CC
OC1
OC2
OCSET
V
RR
x
1
V
Figure 14. OCP Setting without Temperature
Compensation
VCC
OCSET
ROC1
ROC2
The IMON pin is an output of the internal operational
amplifier and sends out IMON signal. When the data of
Output_Current register reaches 255d (when IMON voltage
rises above 3.3V), the ALERT signal will be asserted to
low, which is so-called SVID ICCMAX alert. In the mean
time, the CORE VR will assert the bit 2 data to 1 in
Status_1 register. The ALERT assertion will be de-asserted
when the data of Output_Current register decreases to
242d (when IMON voltage falls under 3.144V). The bit 2
assertion of Status_1 register is latched and can only be
cleared when two criteria are met : the data of
Output_Current register decreases to 242d (when IMON
voltage falls under 3.144V) and the GetReg command is
sent to the Status_1 register of the CORE VR.
Quick Response
The current limit is triggered when per-phase inductor
current exceeds the current limit threshold, ILIMIT, as
defined by VOCSET. The driver will then be forced to turn off
UGATE until the condition is cleared. If the over current
condition of any phase remains valid for 15 cycles, the
CORE VR will trigger OCP latch. Latched OCP forces
PWM into high impedance, which disables internal PWM
logic drivers. If the over current condition is not valid for 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com