Electronic Components Datasheet Search
  English  ▼

X  

ILX734LA Datasheet(PDF) 9 Page - Sony Corporation

Part # ILX734LA
Description  10500 X 3 pixel CCD Linear Sensor (Color)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX734LA Datasheet(HTML) 9 Page - Sony Corporation

Back Button ILX734LA Datasheet HTML 4Page - Sony Corporation ILX734LA Datasheet HTML 5Page - Sony Corporation ILX734LA Datasheet HTML 6Page - Sony Corporation ILX734LA Datasheet HTML 7Page - Sony Corporation ILX734LA Datasheet HTML 8Page - Sony Corporation ILX734LA Datasheet HTML 9Page - Sony Corporation ILX734LA Datasheet HTML 10Page - Sony Corporation ILX734LA Datasheet HTML 11Page - Sony Corporation ILX734LA Datasheet HTML 12Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
– 9 –
ILX734LA
Example of Representative Characteristics (VDD = 12V, Ta = 25°C)
Spectral sensitivity characteristics
(Standard characteristics)
Wavelength [nm]
550
600
650
400
0
0.2
0.4
0.6
0.8
1
450
500
700
Dark signal output temperature characteristics
(Standard characteristics)
Integration time output voltage characteristics
(Standard characteristics)
Ta – Ambient temperature [
°C]
30
40
50
0
0.1
0.5
1
5
10
10
20
60
τ int – Integration time [ms]
5
1
0.1
0.5
1
10
Offset level vs. temperature characteristics
(Standard characteristics)
Offset level vs. VDD characteristics
(Standard characteristics)
Ta – Ambient temperature [
°C]
30
40
50
0
0
2
4
6
8
10
12
10
20
60
∆Vos
∆Ta
–0.5mV/
°C
VDD [V]
12.0
11.4
0
2
4
6
8
10
12
12.6
∆Vos
∆VDD
0.3
Ta = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com