Electronic Components Datasheet Search
  English  ▼

X  

RTP08050-10 Datasheet(PDF) 2 Page - RFHIC

Part # RTP08050-10
Description  This HPA Module is a high gain and Amplifier module for CDMA and LTE Repeater use.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RTP08050-10 Datasheet(HTML) 2 Page - RFHIC

  RTP08050-10 Datasheet HTML 1Page - RFHIC RTP08050-10 Datasheet HTML 2Page - RFHIC RTP08050-10 Datasheet HTML 3Page - RFHIC RTP08050-10 Datasheet HTML 4Page - RFHIC RTP08050-10 Datasheet HTML 5Page - RFHIC RTP08050-10 Datasheet HTML 6Page - RFHIC RTP08050-10 Datasheet HTML 7Page - RFHIC RTP08050-10 Datasheet HTML 8Page - RFHIC RTP08050-10 Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
P
Prreelliim
miin
naarryy
G
GaaN
N P
Poow
weerr A
Am
mp
p P
Paalllleett
R
RT
TP
P0088005500--1100
▪ Tel : 82-31-250-5078
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.0
Environmental Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating Ambient Temperature
Ta
-30
+65
°C
Storage Temperature
Tstg
-40
+130
°C
Relative humidity w/o condensation
RH
80
%
Maximum Rating
Input Overdrive
POD
-2dBm
Max.
Load VSWR
Ψ
∞ : 1 (All Phase & Amplitude)
Nom.
Operating Case Temperature
Tc
+100
°C
Interface Connector
8-Pin-Control ( MOLEX_5267_08 )
Pin #
Description
Specifications
1
Vcc
+5.6V
2
Vcc
+31V
3
Vcc
+31V
4
Vcc
+31V
5
GND
GROUND
6
GND
GROUND
7
GND
GROUND
8
GND
GROUND
4Pin-Control ( SMW200-04P, Yeonho )
Pin #
Description
Specifications
1
Enable / Disable
Amp Enable(+5.6V) / Amp Disable(+0V)
2
GND
GROUND
3
GND
GROUND
4
Temp DET
Temp Sense (0.9V @ 40
℃)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com