Electronic Components Datasheet Search
  English  ▼

X  

LCX009AK Datasheet(PDF) 5 Page - Sony Corporation

Part # LCX009AK
Description  1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX009AK Datasheet(HTML) 5 Page - Sony Corporation

  LCX009AK Datasheet HTML 1Page - Sony Corporation LCX009AK Datasheet HTML 2Page - Sony Corporation LCX009AK Datasheet HTML 3Page - Sony Corporation LCX009AK Datasheet HTML 4Page - Sony Corporation LCX009AK Datasheet HTML 5Page - Sony Corporation LCX009AK Datasheet HTML 6Page - Sony Corporation LCX009AK Datasheet HTML 7Page - Sony Corporation LCX009AK Datasheet HTML 8Page - Sony Corporation LCX009AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
– 5 –
LCX009AK
Level Conversion Circuit
The LCX009AK has a built-in level conversion circuit in the clock input unit located inside the panel. The circuit
voltage is stepped up to 13.5V. This level conversion circuit meets the specifications of a 3.0V to 5.0V power
supply of the externally-driven IC mainly. However, this circuit can operate even with a 12V power supply of
the IC.
1. I/O characteristics of level conversion circuit
(For a single-phase input unit)
An example of the I/O voltage characteristics of a
level conversion circuit is shown in the figure to the
right. The input voltage value that becomes half the
output voltage (after voltage conversion) is defined
as Vth.
The Vth value varies depending on the HVDD and
VVDD voltages.
The Vth values under standard conditions are
indicated in the table below. (HST, VST, EN, CLR, and RGT in the case of a single-phase input)
HVDD = VVDD = 13.5V
HVDD
HVDD
2
Vth
Input voltage [V]
Example of single-phase
I/O characteristics
Item
Vth voltage of circuit
Vth
0.35
1.50
2.70
V
Symbol
Min.
Typ.
Max.
Unit
(For a differential input unit)
An example of I/O voltage characteristics of a
level conversion circuit for a differential input is
shown in the figure to the right. Although the
characteristics, including those of the Vth voltage,
are basically the same as those for a single-
phased input, the two-phased input phase is
defined. (Refer to clock timing conditions.)
HVDD
HVDD
2
Vth
Input voltage [V]
Example of differential
I/O characteristics
2. Current characteristics at the input pin of level
conversion circuit
A slight pull-in current is generated at the input
pin of the level conversion circuit. (The equivalent
circuit diagram is shown to the right.) The current
volume increases as the voltage at the input pin
decreases, and is maximized when the pin is
grounded.) (Electrical characteristics are defined
by the grounded input.)
VDD
Output
HCK1
input
HCK2
input
Level conversion equivalent circuit
0
0
Max. value
Input pin voltage [V]
10
Pull-in current
characteristics at the
input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com