Electronic Components Datasheet Search
  English  ▼

X  

LCX016 Datasheet(PDF) 4 Page - Sony Corporation

Part # LCX016
Description  3.3cm (1.3-inch) Black-and-White LCD Panel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX016 Datasheet(HTML) 4 Page - Sony Corporation

  LCX016 Datasheet HTML 1Page - Sony Corporation LCX016 Datasheet HTML 2Page - Sony Corporation LCX016 Datasheet HTML 3Page - Sony Corporation LCX016 Datasheet HTML 4Page - Sony Corporation LCX016 Datasheet HTML 5Page - Sony Corporation LCX016 Datasheet HTML 6Page - Sony Corporation LCX016 Datasheet HTML 7Page - Sony Corporation LCX016 Datasheet HTML 8Page - Sony Corporation LCX016 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
– 4 –
LCX016AL
Input Equivalent Circuit
To prevent static charges, protective diodes are provided for each pin except the power supplies. In addition,
protective resistors are added to all pins except the video signal inputs. All pins are connected to VSS with a
high resistor of 1M
Ω (typ.). The equivalent circuit of each input pin is shown below: (Resistance value: typ.)
Input
LC
Level conversion circuit
(single-phase input)
2.5k
Ω
2.5k
Ω
VVDD
Input
Level conversion circuit
(single-phase input)
250
Ω
250
Ω
HVDD
Input
Level conversion circuit
(single-phase input)
2.5k
Ω
2.5k
Ω
HVDD
Input
HVDD
250
Ω
250
Ω
250
Ω
250
Ω
Level conversion circuit
(2-phase input)
Input
HVDD
Signal line
(1) SIG1, SIG2, SIG3, SIG4, SIG5, SIG6, PSIG
(2) HCK1, HCK2
(3) RGT
(4) HST
(5) PCG, VCK
(6) VST, BLK, ENB, DWN, MODE1, MODE2, MODE3
(7) COM
1M
Ω
Input
1M
Ω
1M
Ω
1M
Ω
Level conversion circuit
(single-phase input)
250
Ω
250
Ω
VVDD
Input
1M
Ω
1M
Ω
1M
Ω
VVDD
1M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com