Electronic Components Datasheet Search
  English  ▼

X  

IR1167ASPBF Datasheet(PDF) 12 Page - International Rectifier

Part # IR1167ASPBF
Description  SmartRectifierTM CONTROL IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1167ASPBF Datasheet(HTML) 12 Page - International Rectifier

Back Button IR1167ASPBF Datasheet HTML 8Page - International Rectifier IR1167ASPBF Datasheet HTML 9Page - International Rectifier IR1167ASPBF Datasheet HTML 10Page - International Rectifier IR1167ASPBF Datasheet HTML 11Page - International Rectifier IR1167ASPBF Datasheet HTML 12Page - International Rectifier IR1167ASPBF Datasheet HTML 13Page - International Rectifier IR1167ASPBF Datasheet HTML 14Page - International Rectifier IR1167ASPBF Datasheet HTML 15Page - International Rectifier IR1167ASPBF Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
IR1167AS/BS
www.irf.com
12
Fig 11. Max. VCC Voltage vs. Synchronous Rectifier
Switching Freq, TJ=125 C, TIC = 85 C, external RG=1W,
1
W HEXFET Gate Resistance included
Fig 9. MOT vs. Temp.
Fig 12. Max. VCC Voltage vs. Synchronous Rectifier
Switching Freq, TJ=125 C, TIC = 85 C, external RG=2W,
1
W HEXFET Gate Resistance included
0
50
100
150
200
Drain Sense Voltage (V D) (V)
0
20
40
60
80
100
TJ= -25°C
TJ= 25°C
TJ= 125°C
Fig 10. Input Bias Current vs. VD.
50 100 150 200 250 300 350 400 450 500
Max. Synchronous HEXFET Switching Frequency (kHz)
11
12
13
14
15
16
17
18
19
20
Csync = 2nF
Csync = 5nF
Csync = 8nF
Csync = 15nF
Csync = 20nF
50 100 150 200 250 300 350 400 450 500
Max. Synchronous HEXFET Switching Frequency (kHz)
11
12
13
14
15
16
17
18
19
20
Csync = 2nF
Csync = 5nF
Csync = 8nF
Csync = 15nF
Csync = 20nF
-50
0
50
100
150
Temperature ( °C )
0
1
2
3
4
RMOT = 5k
RMOT= 75k
PDF created with pdfFactory trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com