Electronic Components Datasheet Search
  English  ▼

X  

LCX021 Datasheet(PDF) 12 Page - Sony Corporation

Part # LCX021
Description  4.1cm (1.6-inch) LCD Panel (with microlens)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX021 Datasheet(HTML) 12 Page - Sony Corporation

Back Button LCX021 Datasheet HTML 8Page - Sony Corporation LCX021 Datasheet HTML 9Page - Sony Corporation LCX021 Datasheet HTML 10Page - Sony Corporation LCX021 Datasheet HTML 11Page - Sony Corporation LCX021 Datasheet HTML 12Page - Sony Corporation LCX021 Datasheet HTML 13Page - Sony Corporation LCX021 Datasheet HTML 14Page - Sony Corporation LCX021 Datasheet HTML 15Page - Sony Corporation LCX021 Datasheet HTML 16Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
1. Contrast ratio
Contrast Ratio (CR) is given by the following formula (1).
CR =
L (White)
... (1)
L (Black)
L (White): Surface luminance of the TFT-LCD panel at the input signal amplitude VAC = 0.5V
L (Black): Surface luminance of the panel at VAC = 4.5V
Both luminosities are measured by System I.
– 12 –
LCX021AM
<Electro-optical Characteristics Measurement>
(6) Optical measurement systems
• Measurement system I
Elliptic mirror
Relay lens system
B
R
G
Dichroic mirrors
Fresnel lens
LCD panel
Projection lenses
Screen
100W lamp angle distribution
Panel incident light dispersion angle [ ° ]
0.0
1.0
2.0
3.0
3.5
4.0
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
• Measurement system II
Light Detector
Measurement
Equipment
Optical fiber
LCD panel
Light receptor lens
Drive Circuit
Light
Source
Basic measurement conditions
(1) Driving voltage
HVDD = 15.5V, VVDD = 15.5V,
VVC = 7.0V, Vcom = 6.6V
(2) Measurement temperature
25°C unless otherwise specified.
(3) Measurement point
One point in the center of the screen
unless otherwise specified.
(4) Measurement systems
Two types of measurement systems
are used as shown below.
(5) Video input signal voltage (Vsig)
Vsig = 7.0 ± VAC [V]
(VAC: signal amplitude)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com