Electronic Components Datasheet Search
  English  ▼

X  

LOG114 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # LOG114
Description  Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

LOG114 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  LOG114 Datasheet HTML 1Page - Burr-Brown (TI) LOG114 Datasheet HTML 2Page - Burr-Brown (TI) LOG114 Datasheet HTML 3Page - Burr-Brown (TI) LOG114 Datasheet HTML 4Page - Burr-Brown (TI) LOG114 Datasheet HTML 5Page - Burr-Brown (TI) LOG114 Datasheet HTML 6Page - Burr-Brown (TI) LOG114 Datasheet HTML 7Page - Burr-Brown (TI) LOG114 Datasheet HTML 8Page - Burr-Brown (TI) LOG114 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LOG114
SBOS301A − MAY 2004 − REVISED MARCH 2007
www.ti.com
5
ELECTRICAL CHARACTERISTICS: VS = +5V
Boldface limits apply over the specified temperature range, TA = −5°C to +75°C.
All specifications at TA = +25°C, RVLOGOUT = 10kΩ, VCM = +2.5V, unless otherwise noted.
LOG114
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CORE LOG FUNCTION
IIN/VOUT Equation
VO = (0.375V) Log (I1/I2) + VCM
V
LOG CONFORMITY ERROR(1)
Initial
1nA to 100
µA (5 decades)
0.1
0.25
%
0.009
0.022
dB
100pA to 3.5mA (7.5 decades)
0.9
%
0.08
dB
1mA to 10mA
See Typical Characteristics
Over Temperature
1nA to 100
µA (5 decades)
0.1
0.4
%
100pA to 3.5mA (7.5 decades)
0.5
%
1mA to 10mA
See Typical Characteristics
TRANSFER FUNCTION (GAIN)(2)
Initial Scaling Factor
10nA to 100
µA
0.375
V/decade
Scaling Factor Error
1nA to 100
µA
0.4
±2.5
%
0.0.35
0.21
dB
Over Temperature
TMIN to TMAX
0.035
±3.5
%
+15
°C to +50°C
0.7
±3
%
INPUT, A1 and A2
Offset Voltage
VOS
±1
±7
mV
vs Temperature
dV/dT
TMIN to TMAX
+30
µV/°C
vs Power Supply
PSRR
VS = +4.5V to +5.5V
300
µV/V
Input Bias Current
IB
±5
pA
vs Temperature
TMIN to TMAX
Doubles every 10
°C
Input Common-Mode Voltage Range
VCM
(V−)+1.5 to
(V+)−1.5
V
Voltage Noise
en
f = 0.1Hz to 10kHz
3
µVrms
f = 1kHz
30
nV/
√Hz
Current Noise
in
f = 1kHz
4
fA/
√Hz
OUTPUT, A3 (VLOGOUT)
Output Offset, VOSO, Initial
VOSO
±14
±65
mV
Over Temperature
TMIN to TMAX
±18
±80
mV
Full Scale Output (FSO)(3)
VS = +5V
(V−) + 0.6
(V+) − 0.6
V
Gain Bandwidth Product
GBW
IIN = 1µA
50
MHz
Short-Circuit Current
ISC
±18
mA
Capacitive Load
100
pF
OP AMP, A4 and A5
Input Offset Voltage
VOS
±250
±4000
µV
vs Temperature
dV/dT
TMIN to TMAX
±2
µV/°C
vs Supply
PSRR
VS = +4.8V to +5.5V
30
µV/V
vs Common-Mode Voltage
CMRR
70
dB
Input Bias Current
IB
−1
µA
Input Offset Current
IOS
±0.05
µA
Input Voltage Range
(V−)
(V+) − 1.5
V
Input Noise f = 0.1Hz to 10Hz
1
µVPP
f = 1kHz
28
nV/
√Hz
Current Noise
in
2
pA/
√Hz
Open-Loop Voltage Gain
AOL
100
dB
Gain Bandwidth Product
GBW
15
MHz
Slew Rate
SR
5
V/
µs
Settling Time 0.01%
tS
G = −1, 3V Step, CL = 100pF
1.5
µs
Rated Output
(V−) + 0.5
(V+) − 0.5
V
Short-Circuit Current
ISC
+4/−10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com