Electronic Components Datasheet Search
  English  ▼

X  

MAX5216 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5216
Description  MAX5216 Evaluation Kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5216 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5216 Datasheet HTML 1Page - Maxim Integrated Products MAX5216 Datasheet HTML 2Page - Maxim Integrated Products MAX5216 Datasheet HTML 3Page - Maxim Integrated Products MAX5216 Datasheet HTML 4Page - Maxim Integrated Products MAX5216 Datasheet HTML 5Page - Maxim Integrated Products MAX5216 Datasheet HTML 6Page - Maxim Integrated Products MAX5216 Datasheet HTML 7Page - Maxim Integrated Products MAX5216 Datasheet HTML 8Page - Maxim Integrated Products MAX5216 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
_________________________________________________________________ Maxim Integrated Products 2
MAX5216 Evaluation Kit
Evaluates: MAX5214/MAX5216
Component List (continued)
Component Suppliers
MAX5216 EV Kit Files
µMAX is a registered trademark of Maxim Integrated Products, Inc.
Note: Indicate that you are using the MAX5216 when contacting these component suppliers.
DESIGNATION
QTY
DESCRIPTION
U6
1
LDO regulator (5 SC70)
Maxim MAX8511EXK25+
U7
1
Voltage reference (8 FMAX)
Maxim MAX6133A25+
Y1
1
16MHz crystal (HCM49)
Hong Kong X’tals
SSM16000N1HK188F0-0
Y2
1
6MHz crystal (HCM49)
Hong Kong X’tals
SSL60000N1HK188F0-0
SUPPLIER
PHONE
WEBSITE
Hong Kong X’tals Ltd.
852-35112388
www.hongkongcrystal.com
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
Taiyo Yuden
800-348-2496
www.t-yuden.com
TDK Corp.
847-803-6100
www.component.tdk.com
FILES
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on your computer
MAX5216.EXE
Application program
CDM20600.EXE
Installs the USB device driver
UNINSTALL.EXE
Uninstalls the EV kit software
USB_Driver_Help_200.PDF
USB driver installation help file
DESIGNATION
QTY
DESCRIPTION
—
1
USB high-speed A-to-B cables,
6ft
—
6
Shunts
—
1
PCB: MAX5216 EVALUATION
KIT+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com