Electronic Components Datasheet Search
  English  ▼

X  

LCX026ALF Datasheet(PDF) 5 Page - Sony Corporation

Part # LCX026ALF
Description  2.3cm (0.9-inch) Black-and-White LCD Panel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX026ALF Datasheet(HTML) 5 Page - Sony Corporation

  LCX026ALF Datasheet HTML 1Page - Sony Corporation LCX026ALF Datasheet HTML 2Page - Sony Corporation LCX026ALF Datasheet HTML 3Page - Sony Corporation LCX026ALF Datasheet HTML 4Page - Sony Corporation LCX026ALF Datasheet HTML 5Page - Sony Corporation LCX026ALF Datasheet HTML 6Page - Sony Corporation LCX026ALF Datasheet HTML 7Page - Sony Corporation LCX026ALF Datasheet HTML 8Page - Sony Corporation LCX026ALF Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
– 5 –
LCX026ALF
Input Signals
1. Input signal voltage conditions (VSS = 0V)
Item
H shift register input voltage
HST, HCK1, HCK2, RGT
(Low)
(High)
(Low)
(High)
VHIL
VHIH
VVIL
VVIH
VVC
Vsig
Vcom
Vpsig
–0.5
4.5
–0.5
4.5
6.8
VVC – 4.5
VVC – 0.5
VVC ± 4.3
0.0
5.0
0.0
5.0
7.0
7.0
VVC – 0.4
VVC ± 4.5
0.4
5.5
0.4
5.5
7.2
VVC + 4.5
VVC – 0.3
VVC ± 4.7
V
V
V
V
V
V
V
V
V shift register input voltage
MODE1, MODE2, MODE3,
BLK, VST, VCK, PCG,
ENB, DWN
Video signal center voltage
Video signal input range∗1
Common voltage of panel∗2
Uniformity improvement signal
input voltage (PSIG)∗3
Symbol
Min.
Typ.
Max.
Unit
∗1 Input video signal shall be symmetrical to VVC.
∗2 The typical value of the common pad voltage may lower its suitable voltage according to the set
construction to use. In this case, use the voltage of which has maximum contrast as typical value.
When the typical value is lowered, the maximum and minimum values may lower.
∗3 Input a uniformity improvement signal PSIG in the same polarity with video signals SIG1 to 6 and which is
symmetrical to VVC. Also, the rising and falling of PSIG are synchronized with the rising of PCG pulse, and
the rise time trPSIG and fall time tfPSIG are suppressed within 800ns (as shown in a diagram below).
The optimum input voltage of PSIG may be changed according as drive conditions of the drive side.
Level Conversion Circuit
The LCX026ALF has a built-in level conversion circuit in the clock input unit on the panel. The input signal
level increases to HVDD or VVDD. The VCC of external ICs are applicable to 5 ± 0.5V.
trPSIG
tfPSIG
VVC
PSIG
PCG
90%
10%
Input waveform of uniformity improvement signal PSIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com