Electronic Components Datasheet Search
  English  ▼

X  

LCX027AK Datasheet(PDF) 21 Page - Sony Corporation

Part # LCX027AK
Description  1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX027AK Datasheet(HTML) 21 Page - Sony Corporation

Back Button LCX027AK Datasheet HTML 15Page - Sony Corporation LCX027AK Datasheet HTML 16Page - Sony Corporation LCX027AK Datasheet HTML 17Page - Sony Corporation LCX027AK Datasheet HTML 18Page - Sony Corporation LCX027AK Datasheet HTML 19Page - Sony Corporation LCX027AK Datasheet HTML 20Page - Sony Corporation LCX027AK Datasheet HTML 21Page - Sony Corporation LCX027AK Datasheet HTML 22Page - Sony Corporation LCX027AK Datasheet HTML 23Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
– 21 –
LCX027AK
Color Display System Block Diagram (2)
An example of single-chip display system is shown below.
Y/color difference
Y/C
LCD panel
NTSC/PAL
LCX027AK
RED
GREEN
BLUE
HCK1
HST
VST
HCK2
VCK
EN
CLR
RGT
(Refer to CXA2503AR data sheet.)
Composite video
+12V
+3V
VCOM
CXA2503AR
+12.0V
+4.5V
When the CXA2503AR is used, BLK (Pin 5) of the LCD panel should be grounded to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com