Electronic Components Datasheet Search
  English  ▼

X  

LCX028AMT Datasheet(PDF) 3 Page - Sony Corporation

Part # LCX028AMT
Description  4.6cm (1.8-inch) Black-and-White LCD Panel
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX028AMT Datasheet(HTML) 3 Page - Sony Corporation

  LCX028AMT Datasheet HTML 1Page - Sony Corporation LCX028AMT Datasheet HTML 2Page - Sony Corporation LCX028AMT Datasheet HTML 3Page - Sony Corporation LCX028AMT Datasheet HTML 4Page - Sony Corporation LCX028AMT Datasheet HTML 5Page - Sony Corporation LCX028AMT Datasheet HTML 6Page - Sony Corporation LCX028AMT Datasheet HTML 7Page - Sony Corporation LCX028AMT Datasheet HTML 8Page - Sony Corporation LCX028AMT Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
– 3 –
LCX028AMT
Absolute Maximum Ratings (VSS = 0V)
• H driver supply voltage
HVDD
–1.0 to +20
V
• V driver supply voltage
VVDD
–1.0 to +20
V
• Common pad voltage
COM, COML, COMR
–1.0 to +17
V
• H shift register input pin voltage HST, HCK1, HCK2,
–1.0 to +17
V
RGT
• V shift register input pin voltage
VST, VCK, PCG,
–1.0 to +17
V
BLK, ENB, DWN
VB1, VB2
• Video signal input pin voltage
SIG1 to 12, PSIG
–1.0 to +15
V
• Operating temperature∗
Topr
–10 to +70
°C
• Storage temperature
Tstg
–30 to +85
°C
∗ Panel temperature inside the antidust glass
Operating Conditions (VSS = 0V)
• Supply voltage
HVDD
15.5 ± 0.5V
VVDD
15.5 ± 0.5V
• Input pulse voltage (Vp-p of all input pins except video signal and uniformity improvement signal input pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com