Electronic Components Datasheet Search
  English  ▼

X  

LCX028 Datasheet(PDF) 9 Page - Sony Corporation

Part # LCX028
Description  4.6cm (1.8-inch) Black-and-White LCD Panel
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX028 Datasheet(HTML) 9 Page - Sony Corporation

Back Button LCX028 Datasheet HTML 5Page - Sony Corporation LCX028 Datasheet HTML 6Page - Sony Corporation LCX028 Datasheet HTML 7Page - Sony Corporation LCX028 Datasheet HTML 8Page - Sony Corporation LCX028 Datasheet HTML 9Page - Sony Corporation LCX028 Datasheet HTML 10Page - Sony Corporation LCX028 Datasheet HTML 11Page - Sony Corporation LCX028 Datasheet HTML 12Page - Sony Corporation LCX028 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
– 9 –
LCX028AMT
<Vertical Shift Register Driving Waveform>
VCK
Vck rise time
Vck fall time
trVck
tfVck
Item
Symbol
Waveform
Conditions
Vck
10%
10%
90%
90%
trVckn
tfVckn
Vst rise time
VST
Vst fall time
Vst data set-up time
Vst data hold time
trVst
tfVst
tdVst
thVst
90%
10%
10%
90%
Vst
trVst
tfVst
50%
50%
∗8
Vst
Vck
tdVst
thVst
50%
50%
ENB
Enb rise time
Enb fall time
Horizontal video period
completed to Enb fall time
trEnb
tfEnb
tdEnb
Enb rise to PRG∗4 fall time
Enb fall to Pcg rise time
toPRG∗4
toPcg
Enb pulse width
twEnb
90%
90%
10%
10%
tfEnb
trEnb
Enb
50%
50%
toPRG∗4
Enb
∗8
50%
PRG∗4
H. Blanking period
H. Video period
tdEnb
PCG
50%
toPcg
50%
twEnb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com