Electronic Components Datasheet Search
  English  ▼

X  

LCX034ALT Datasheet(PDF) 16 Page - Sony Corporation

Part # LCX034ALT
Description  1.8cm (0.7 Type) Black-and-White LCD Panel
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX034ALT Datasheet(HTML) 16 Page - Sony Corporation

Back Button LCX034ALT Datasheet HTML 12Page - Sony Corporation LCX034ALT Datasheet HTML 13Page - Sony Corporation LCX034ALT Datasheet HTML 14Page - Sony Corporation LCX034ALT Datasheet HTML 15Page - Sony Corporation LCX034ALT Datasheet HTML 16Page - Sony Corporation LCX034ALT Datasheet HTML 17Page - Sony Corporation LCX034ALT Datasheet HTML 18Page - Sony Corporation LCX034ALT Datasheet HTML 19Page - Sony Corporation LCX034ALT Datasheet HTML 20Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
– 16 –
LCX034ALT
Viewing angle characteristics (Reference Value)
90
270
180
0
Theta
Phi
30
70
θ
φ
φ180°
X
φ270°
Y
φ0°
φ90°
Z
θ0°
Measurement method
50
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com