Electronic Components Datasheet Search
  English  ▼

X  

LCX038AST Datasheet(PDF) 6 Page - Sony Corporation

Part # LCX038AST
Description  1.8cm (0.7 Type) Black-and-White LCD Panel
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX038AST Datasheet(HTML) 6 Page - Sony Corporation

Back Button LCX038AST Datasheet HTML 2Page - Sony Corporation LCX038AST Datasheet HTML 3Page - Sony Corporation LCX038AST Datasheet HTML 4Page - Sony Corporation LCX038AST Datasheet HTML 5Page - Sony Corporation LCX038AST Datasheet HTML 6Page - Sony Corporation LCX038AST Datasheet HTML 7Page - Sony Corporation LCX038AST Datasheet HTML 8Page - Sony Corporation LCX038AST Datasheet HTML 9Page - Sony Corporation LCX038AST Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
– 6 –
LCX038AST
Input Signals
1. Input signal voltage conditions (VSS = 0V)
∗1 Input video signal shall be symmetrical to VVC.
∗2 The typical value of the common pad voltage may lower its suitable voltage according to the set construction
to use. In this case, use the voltage of which has maximum contrast as typical value.
When the typical value is lowered, the maximum and minimum values may lower.
∗3 Input a uniformity improvement signal PSIG in the same polarity with video signals VSIG1 to VSIG12 and
which is symmetrical to VVC. PSIG wave form is 2 steps like below, in the upper chart, upper shows signal
level of the 1st step, lower shows signal level of the 2nd step. Also, the rising and falling of PSIG are
synchronized with the rising of PCG pulse, and the rise time trPSIG and fall time tfPSIG are suppressed
within 450ns (as shown in a diagram below).
The optimum input voltage of PSIG may be changed according as drive conditions of the drive side.
Level Conversion Circuit
The LCX038AST has a built-in level conversion circuit in the clock input unit on the panel. The input signal
level increases to HVDD or VVDD. The VCC of external ICs are applicable to 5 ± 0.5V.
trPSIG
tfPSIG
VVC
PSIG
PCG
90%
10%
PRG∗4
PsigG
PsigB
Input waveform of uniformity improvement signal PSIG
∗4 PRG shows the time of the 1st step of PSIG signal, and it is not input to the panel.
Item
H shift register input voltage
HST, HCK1, HCK2, RGT
(Low)
(High)
(Low)
(High)
VHIL
VHIH
VVIL
VVIH
VVC
Vsig
Vcom
VpsigB
VpsigG
–0.5
4.5
–0.5
4.5
7.4
VVC – 5.0
VVC – 0.5
VVC ± 4.9
VVC ± 1.8
0.0
5.0
0.0
5.0
7.5
7.0
VVC – 0.4
VVC ± 5.0
VVC ± 1.9
0.4
5.5
0.4
5.5
7.6
VVC + 5.0
VVC – 0.3
VVC ± 5.1
VVC ± 2.0
V
V
V
V
V
V
V
V
V shift register input voltage
HB, VB, BLK, VST, VCK,
PCG, ENB, DWN
Video signal center voltage
Video signal input range∗1
Common voltage of panel∗2
Uniformity improvement signal
input voltage (PSIG)∗3
Symbol
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com