Electronic Components Datasheet Search
  English  ▼

X  

SGM2016AM Datasheet(PDF) 4 Page - Sony Corporation

Part # SGM2016AM
Description  GaAs N-channel Dual-Gate MES FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SGM2016AM Datasheet(HTML) 4 Page - Sony Corporation

  SGM2016AM Datasheet HTML 1Page - Sony Corporation SGM2016AM Datasheet HTML 2Page - Sony Corporation SGM2016AM Datasheet HTML 3Page - Sony Corporation SGM2016AM Datasheet HTML 4Page - Sony Corporation SGM2016AM Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
– 4 –
SGM2016AM/AP
S-parameter vs. Frequency Characteristics (VDS = 5V, VG2S = 1.5V, ID = 10mA)
(Z0 = 50
Ω)
f
(MHz)
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
0.969
0.966
0.964
0.961
0.957
0.955
0.955
0.954
0.954
0.953
0.952
0.949
0.947
0.946
0.945
0.945
0.945
0.945
0.945
0.945
–1.3
–3.0
–4.2
–6.1
–7.2
–8.8
–9.9
–11.5
–12.8
–14.4
–15.6
–17.2
–18.2
–20.0
–21.3
–22.9
–24.1
–25.8
–27.3
–28.7
S22
MAG
ANG
0.002
0.003
0.005
0.006
0.007
0.009
0.009
0.010
0.011
0.012
0.012
0.012
0.013
0.013
0.013
0.013
0.013
0.013
0.013
0.013
95.0
87.9
83.6
77.7
82.1
76.3
76.8
78.7
74.4
82.6
79.3
72.4
79.0
81.5
80.3
83.7
90.1
98.4
109.0
113.0
S12
MAG
ANG
2.521
2.515
2.499
2.480
2.451
2.420
2.391
2.362
2.331
2.294
2.254
2.216
2.182
2.153
2.118
2.076
2.038
2.005
1.963
1.929
174.2
168.1
162.3
156.3
150.6
144.8
139.4
133.9
128.5
122.9
117.7
112.4
107.3
102.1
96.9
91.8
86.6
81.4
76.4
71.5
S21
MAG
ANG
0.999
0.994
0.981
0.969
0.952
0.935
0.917
0.896
0.877
0.850
0.822
0.797
0.769
0.744
0.717
0.692
0.668
0.641
0.617
0.589
–3.8
–7.9
–11.8
–16.0
–20.0
–24.1
–27.8
–31.3
–34.7
–38.0
–40.9
–44.0
–46.8
–49.7
–52.4
–54.9
–57.5
–59.6
–61.6
–63.4
S11
MAG
ANG
Noise Figure Characteristics (VDS = 5V, VG2S = 1.5V, ID = 10mA)
f
(MHz)
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
7.5
10.8
13.9
16.8
19.5
22.0
24.5
26.8
29.1
31.4
33.8
36.1
38.6
41.2
43.9
46.8
50.0
53.4
57.0
40.0
39.5
39.0
38.5
37.9
37.4
36.8
36.1
35.5
34.8
34.1
33.4
32.6
31.9
31.0
30.2
29.3
28.5
27.5
MAG
Rn
(
Ω)
0.73
0.79
0.85
0.92
0.99
1.05
1.11
1.18
1.25
1.32
1.39
1.46
1.53
1.61
1.68
1.76
1.84
1.92
2.00
0.94
0.90
0.87
0.84
0.81
0.78
0.75
0.72
0.70
0.67
0.65
0.63
0.60
0.58
0.56
0.54
0.52
0.50
0.48
Gamma Optimum
NFmin
(dB)
ANG



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com