Electronic Components Datasheet Search
  English  ▼

X  

RT8205C Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT8205C
Description  High Efficiency, Main Power Supply Controllers for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205C Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT8205C Datasheet HTML 18Page - Richtek Technology Corporation RT8205C Datasheet HTML 19Page - Richtek Technology Corporation RT8205C Datasheet HTML 20Page - Richtek Technology Corporation RT8205C Datasheet HTML 21Page - Richtek Technology Corporation RT8205C Datasheet HTML 22Page - Richtek Technology Corporation RT8205C Datasheet HTML 23Page - Richtek Technology Corporation RT8205C Datasheet HTML 24Page - Richtek Technology Corporation RT8205C Datasheet HTML 25Page - Richtek Technology Corporation RT8205C Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
RT8205A/B/C
22
DS8205A/B/C-06 July 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Soft-Start
A build-in soft-start is used to prevent surge current from
power supply input after ENTRIPx is enabled. The typical
soft-start duration is 2ms period. Furthermore, the
maximum allowed current limit is segmented in 5 steps:
20%, 40%, 60%, 80% and 100% during the 2ms period.
D4 when LGATE1 switched to high. So, VCP voltage is :
VCP = VOUT1 + 2 x VLGATE1
− 4 x VD
Where VLGATE1 is the peak voltage of LGATE1 driver and is
equal to the VREG5; VD is the forward diode dropped
across the Schottky.
LG1_CP in the RT8205B (Figure 3) can be used as clock
signal for charge pump circuit to generate approximately
14V DC voltage and the clock driver uses VOUT1 as its
power supply, SECFB in the RT8205C is used to monitor
the charge pump through resistive divider (Figure 4). In an
event when SECFB dropped below 2V, the detection circuit
forces the high-side MOSFET off and the low-side
MOSFET on for 300ns to allow CP to recharge and SECFB
rise above 2V. In the event of an overload on CP where
SECFB can not reach more than 2V, the monitor will be
cancelled. Special care should be taken to ensure enough
normal voltage ripple on each cycle as to prevent CP shut-
down.
The SECFB pin has ~17mV of hysteresis, so the ripple
should be enough to bring the SECFB voltage above the
threshold by ~3x the hysteresis, or (2V + 3 x 17mV) =
2.051V. Reducing the CP decoupling capacitor and placing
a small ceramic capacitor (10 pF to 47pF) (CF of Figure 4)
in parallel with the upper leg of the SECFB resistor
feedback network (RCP1 of Figure 4) will also increase the
robustness of the charge pump.
Figure 3. Connect to LG1_CP
LG1_CP
VOUT1
C1
C2
C3
C4
D1
D2
D3
D4
CP
Figure 4. Connect to SECFB
SECFB
VOUT1
C1
C2
C3
C4
D1
D2
D3
D4
CP
RCP1
CF
RCP2
LGATE1
MOSFET Gate Driver (UGATEx, LGATEx)
The high-side driver is designed to drive high-current, low
RDS(ON)N-MOSFET(s). When configured as a floating driver,
5-V bias voltage is delivered from VREG5 supply. The
average drive current is also calculated by the gate charge
at VGS = 5 V times switching frequency. The instantaneous
drive current is supplied by the flying capacitor between
BOOTx and PHASEx pins. A dead time to prevent shoot
through is internally generated between high-side
MOSFET off to low-side MOSFET on, and low-side
MOSFET off to high-side MOSFET on.
The low-side driver is designed to drive high current low
RDS(ON) N-MOSFET(s). The internal pull-down transistor
that drives LGATEx low is robust, with a 0.6
Ω typical on-
resistance. A 5V bias voltage is delivered from VREG5
supply. The instantaneous drive current is supplied by an
input capacitor connected between VREG5 and GND.
For high-current applications, some combinations of high-
and low-side MOSFETs might be encountered that will
cause excessive gate-drain coupling, which can lead to
efficiency-killing, EMI-producing shoot-through currents.
This is often remedied by adding a resistor in series with
BOOTx, which increases the turn-on time of the high-side
MOSFET without degrading the turn-off time (Figure 5).
Figure 5. Reducing the UGATEx Rise Time
BOOTx
UGATEx
PHASEx
10
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com