Electronic Components Datasheet Search
  English  ▼

X  

RT9712 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9712
Description  90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9712 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9712 Datasheet HTML 1Page - Richtek Technology Corporation RT9712 Datasheet HTML 2Page - Richtek Technology Corporation RT9712 Datasheet HTML 3Page - Richtek Technology Corporation RT9712 Datasheet HTML 4Page - Richtek Technology Corporation RT9712 Datasheet HTML 5Page - Richtek Technology Corporation RT9712 Datasheet HTML 6Page - Richtek Technology Corporation RT9712 Datasheet HTML 7Page - Richtek Technology Corporation RT9712 Datasheet HTML 8Page - Richtek Technology Corporation RT9712 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9712
2
DS9712-04 November 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Typical Application Circuit
Note : R1, R2 : Pull-Up Resistance (10k to 100k)
Pin No.
Pin Name
Pin Function
RT9712A/C RT9712B/D
1
1
GND
Ground.
2
2
VIN
Input Voltage.
--
3
EN1
Chip Enable (Active Low) turns on power switch in VOUT1.
--
4
EN2
Chip Enable (Active Low) turns on power switch in VOUT2.
3
--
EN1
Chip Enable (Active High) turns on power switch in VOUT1.
4
--
EN2
Chip Enable (Active High) turns on power switch in VOUT2.
5
5
FLG2
Over current or over temperature status output, open-drain output, active
low, in VOUT2.
6
6
VOUT2
Power-Switch Output, in VOUT2.
7
7
VOUT1
Power-Switch Output, in VOUT1.
8
8
FLG1
Over current or over temperature status output,, open-drain output, active
low, in VOUT1.
RT9712A/B/C/D
GND
VIN
VOUT2
VOUT1
Load
Load
Supply Voltage
2.7V to 5.5V
2
3
4
5
8
7
6
1
FLG2
FLG1
0.1uF
CIN
COUT1
0.1uF
0.1uF
COUT2
R2
R1
RT9712A/C
Chip Enable
EN1/EN1
EN2/EN2
RT9712B/D
Chip Enable
22uF
22uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com