Electronic Components Datasheet Search
  English  ▼

X  

ADMP441ACEZ-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMP441ACEZ-RL7
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP441ACEZ-RL7 Datasheet(HTML) 1 Page - Analog Devices

  ADMP441ACEZ-RL7 Datasheet HTML 1Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 2Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 3Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 4Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 5Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 6Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 7Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 8Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Omnidirectional Microphone with
Bottom Port and I2S Digital Output
Data Sheet
ADMP441
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Digital I²S interface with high precision 24-bit data
High SNR of 61 dBA
High sensitivity of −26 dBFS
Flat frequency response from 60 Hz to 15 kHz
Low current consumption of 1.4 mA
High PSR of −75 dBFS
Small 4.72 mm × 3.76 mm × 1 mm surface-mount package
Compatible with Sn/Pb and Pb-free solder processes
RoHS/WEEE compliant
APPLICATIONS
Teleconferencing systems
Gaming consoles
Mobile devices
Laptops
Tablets
Security systems
FUNCTIONAL BLOCK DIAGRAM
ADMP441
ADC
POWER
MANAGEMENT
SCK
SD
WS
FILTER
I2S
SERIAL
PORT
HARDWARE
CONTROL
Figure 1.
BOTTOM
TOP
Figure 2. Isometric Views of ADMP441 Microphone Package
GENERAL DESCRIPTION
The ADMP4411 is a high performance, low power, digital output,
omnidirectional MEMS microphone with a bottom port. The
complete ADMP441 solution consists of a MEMS sensor, signal
conditioning, an analog-to-digital converter, antialiasing filters,
power management, and an industry standard 24-bit I²S inter-
face. The I²S interface allows the ADMP441 to connect directly
to digital processors, such as DSPs and microcontrollers, with-
out the need for an audio codec in the system.
The ADMP441 has a high SNR and high sensitivity, making it
an excellent choice for far field applications. The ADMP441 has
a flat wideband frequency response, resulting in natural sound
with high intelligibility.
The ADMP441 is available in a thin 4.72 mm × 3.76 mm ×
1 mm surface-mount package. It is reflow solder compatible
with no sensitivity degradation. The ADMP441 is halide free.
1 Protected by U.S. Patents 7,449,356; 7,825,484; 7,885,423; and 7,961,897. Other patents are pending.


Similar Part No. - ADMP441ACEZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP441ACEZ-RL7 AD-ADMP441ACEZ-RL7 Datasheet
357Kb / 16P
Omnidirectional Microphone
REV. A
More results

Similar Description - ADMP441ACEZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP405 AD-ADMP405 Datasheet
426Kb / 12P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
ADMP421 AD-ADMP421 Datasheet
188Kb / 16P
Omnidirectional Microphone with Bottom Port and Digital Output
REV. 0
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP421BCEZ-RL AD-ADMP421BCEZ-RL Datasheet
499Kb / 17P
Omnidirectional Microphone with Bottom Port and Digital Output
Rev. D
logo
TDK Electronics
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP411 TDK-INMP411 Datasheet
375Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP421 TDK-INMP421 Datasheet
504Kb / 21P
Omnidirectional Microphone with Bottom Port and PDM Digital Output
logo
List of Unclassifed Man...
INMP441 ETC1-INMP441 Datasheet
472Kb / 21P
Omnidirectional Microphone with Bottom Port and I2S Digital Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com