Electronic Components Datasheet Search
  English  ▼

X  

EVAL-ADMP441Z Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-ADMP441Z
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADMP441Z Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-ADMP441Z Datasheet HTML 6Page - Analog Devices EVAL-ADMP441Z Datasheet HTML 7Page - Analog Devices EVAL-ADMP441Z Datasheet HTML 8Page - Analog Devices EVAL-ADMP441Z Datasheet HTML 9Page - Analog Devices EVAL-ADMP441Z Datasheet HTML 10Page - Analog Devices EVAL-ADMP441Z Datasheet HTML 11Page - Analog Devices EVAL-ADMP441Z Datasheet HTML 12Page - Analog Devices EVAL-ADMP441Z Datasheet HTML 13Page - Analog Devices EVAL-ADMP441Z Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADMP441
Data Sheet
Rev. B | Page 10 of 16
DIGITAL FILTER CHARACTERISTICS
The ADMP441 has an internal digital band-pass filter. A
high-pass filter eliminates unwanted low frequency signals.
A low-pass filter allows the user to scale the pass band with
the sampling frequency as well as perform required noise
reduction.
High-Pass Filter
The ADMP441 incorporates a high-pass filter to remove unwanted
dc and very low frequency components. Table 7 shows the high-
pass characteristics for a nominal sampling rate of 48 kHz. The
cutoff frequency scales with changes in sampling rate.
Table 7. High-Pass Filter Characteristics
Frequency
Attenuation
3.7 Hz
–3.0 dB
10.4 Hz
–0.5 dB
21.6 Hz
–0.1 dB
This digital filter response is in addition to the natural high-
pass response of the ADMP441 MEMS acoustic transducer that
has a −3 dB cutoff of 60 Hz.
Low-Pass Filter
The analog-to-digital converter in the ADMP441 is a single-bit,
high order, sigma-delta (Σ-Δ) running at a high oversampling
ratio. The noise shaping of the converter pushes the majority of
the noise well above the audio band and gives the microphone a
wide dynamic range. However, it does require a good quality
low-pass filter to eliminate the high frequency noise.
Figure 13 shows the response of this digital low-pass filter
included in the microphone. The pass band of the filter extends
to 0.423 × fS and, in that band, has an unnoticeable 0.04 dB of
ripple. The high frequency cutoff of −6 dB occurs at 0.5 × fS. A
48 kHz sampling rate results in a pass band of 20.3 kHz and a
half amplitude corner at 24 kHz; the stop-band attenuation of
the filter is greater than 60 dB. Note that these filter specifica-
tions scale with sampling frequency.
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
NORMALIZED FREQUENCY (
fS)
Figure 13. Digital Low-Pass Filter Magnitude Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com