Electronic Components Datasheet Search
  English  ▼

X  

RT9002B Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9002B
Description  Dual Low Dropout Regulator with Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9002B Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9002B Datasheet HTML 1Page - Richtek Technology Corporation RT9002B Datasheet HTML 2Page - Richtek Technology Corporation RT9002B Datasheet HTML 3Page - Richtek Technology Corporation RT9002B Datasheet HTML 4Page - Richtek Technology Corporation RT9002B Datasheet HTML 5Page - Richtek Technology Corporation RT9002B Datasheet HTML 6Page - Richtek Technology Corporation RT9002B Datasheet HTML 7Page - Richtek Technology Corporation RT9002B Datasheet HTML 8Page - Richtek Technology Corporation RT9002B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT9002A/B/C
3
DS9002ABC-04 April 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------ 6V
Package Thermal Resistance (Note 2)
SOP-8,
θJA ------------------------------------------------------------------------------------------------------------ 110°C/W
Power Dissipation, PD @ TA = 25
°C
SOP-8 ------------------------------------------------------------------------------------------------------------------ 0.909W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range ---------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ----------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------ 200V
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ------------------------------------------------------------------------------------------------ 2.5V to 5.5V
Chip Enable Input Voltage ----------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
(VIN = VOUT + 1V, whichever is greater, CIN = 1
μF, COUT = 1μF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Regulator 1
RT9002A
2.45
2.5
2.55
RT9002B
1.47
1.5
1.53
Output Voltage
Accuracy
RT9002C
ΔVOUT1
IOUT1 = 30mA
2.45
2.5
2.55
V
Maximum Output Current
IOUT1_MAX
240
--
--
mA
Load Regulation
(Note 5)
ΔVLOAD1
1mA
< IOUT1 < 100mA
--
1
--
mV
VDROP1_1 IOUT1 = 30mA
--
50
--
Dropout Voltage
(Note 6)
VDROP1_2 IOUT1 = 100mA
--
150
--
mV
Quiescent Current
(Note 7)
IQ1
VIN1 = VEN1 = 3.5V,
IOUT1 = 0mA
--
30
--
μA
Standby Current
ISTB1
VIN1 = 3.5V, VEN1 = 0V
--
0.1
1
μA
Line Regulation
ΔVLINE1
VIN1 = 3.5V to 5.5V,
VIN1 = VEN1, IOUT1 = 30mA
--
0.01
0.2
%/V
Power Supply Rejection Rate
PSRR1
f = 100Hz, IOUT1 = 100mA
--
−60
--
dB
Current Limit
ILIM1
VIN1 = VEN1 = 5V
--
450
--
mA
Logic-Low
VIL
--
--
0.6
EN Threshold Voltage
Logic-High
VIH
1.8
--
--
V
Thermal Shutdown Protection
TSD1
--
170
--
°C
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com