Electronic Components Datasheet Search
  English  ▼

X  

IRFS7437PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS7437PBF
Description  HEXFETPower MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7437PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFS7437PBF Datasheet HTML 1Page - International Rectifier IRFS7437PBF Datasheet HTML 2Page - International Rectifier IRFS7437PBF Datasheet HTML 3Page - International Rectifier IRFS7437PBF Datasheet HTML 4Page - International Rectifier IRFS7437PBF Datasheet HTML 5Page - International Rectifier IRFS7437PBF Datasheet HTML 6Page - International Rectifier IRFS7437PBF Datasheet HTML 7Page - International Rectifier IRFS7437PBF Datasheet HTML 8Page - International Rectifier IRFS7437PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
September 06, 2012
www.irf.com
1
HEXFET® Power MOSFET
Benefits
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
l Halogen-Free
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Maximum Drain Current vs. Case Temperature
Applications
l Brushed Motor drive applications
l BLDC Motor drive applications
l Battery powered circuits
l Half-bridge and full-bridge topologies
l Synchronous rectifier applications
l Resonant mode power supplies
l OR-ing and redundant power switches
l DC/DC and AC/DC converters
l DC/AC Inverters
GD
S
Gate
Drain
Source
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
50
100
150
200
250
LIMITED BY PACKAGE
StrongIRFET™
IRFS7437PbF
IRFSL7437PbF
4.0
6.0
8.0
10.0 12.0 14.0 16.0 18.0 20.0
VGS, Gate-to-Source Voltage (V)
0
1
2
3
4
5
6
TJ = 25°C
TJ = 125°C
ID = 100A
D
S
G
D
S
G
D2Pak
IRFS7437PbF
TO-262
IRFSL7437PbF
S
D
G
D
Ordering Information
Base part number
Package Type
Standard Pack
Complete Part
Form
Quantity
Number
IRFSL7437PbF
TO-262
Tube
50
IRFSL7437PbF
IRFS7437PbF
D2Pak
Tube
50
IRFS7437PbF
IRFS7437PbF
D2Pak
Tape and Reel Left
800
IRFS7437TRLPbF
VDSS
40V
RDS(on) typ.
1.4m
Ω
max.
1.8m
Ω
ID (Silicon Limited)
250A
c
ID (Package Limited)
195A


Similar Part No. - IRFS7437PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS7437PBF IRF-IRFS7437PBF Datasheet
298Kb / 12P
Brushed Motor drive applications
IRFS7437PBF IRF-IRFS7437PBF_15 Datasheet
298Kb / 12P
Brushed Motor drive applications
More results

Similar Description - IRFS7437PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com