Electronic Components Datasheet Search
  English  ▼

X  

IRMCF371TY Datasheet(PDF) 27 Page - International Rectifier

Part # IRMCF371TY
Description  Sensorless Motor Control IC for Appliances
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF371TY Datasheet(HTML) 27 Page - International Rectifier

Back Button IRMCF371TY Datasheet HTML 22Page - International Rectifier IRMCF371TY Datasheet HTML 23Page - International Rectifier IRMCF371TY Datasheet HTML 24Page - International Rectifier IRMCF371TY Datasheet HTML 25Page - International Rectifier IRMCF371TY Datasheet HTML 26Page - International Rectifier IRMCF371TY Datasheet HTML 27Page - International Rectifier IRMCF371TY Datasheet HTML 28Page - International Rectifier IRMCF371TY Datasheet HTML 29Page - International Rectifier IRMCF371TY Datasheet HTML 30Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
IRMCF371
27
8 Pin List
Pin
Number
Pin Name
Internal
Pull-up
/Pull-down
Pin
Type
Description
1
XTAL0
I
Crystal input
2
XTAL1
O
Crystal output
3
P1.0/T2
I/O
Discrete programmable I/O or Timer/Counter 2 input
4
P1.1/RXD
I/O
Discrete programmable I/O or UART receive input
5
P1.2/TXD
I/O
Discrete programmable I/O or UART transmit output
6
P1.3/SYNC/
SCK
I/O
Discrete programmable I/O or SYNC output or SPI
clock output, needs to be pulled up to VDD1 in order
to boot from I2C EEPROM
7
P1.4/CAP
I/O
Discrete programmable I/O or Capture Timer input
8
VDD2
P
1.8V digital power
9
VSS
P
Digital common
10
VDD1
P
3.3V digital power
11
P2.0/NMI
I/O
Discrete I/O or Non Maskable Interrupt
12
P2.1
I/O
Discrete I/O
13
P2.6/AOPWM
I/O
Discrete I/O or PWM digital output
14
VDD2
P
1.8V digital power
15
VSS
P
Digital common
16
AIN0
I
Analog input channel 0, 0-1.2V range, needs to be
pulled down to AVSS if unused
17
AVDD
P
1.8V analog power
18
AVSS
P
Analog common
19
AIN1
I
Analog input channel 1, 0-1.2V range, needs to be
pulled down to AVSS if unused
20
CMEXT
O
Unbuffered 0.6V output. Capacitor needs to be
connected.
21
AREF
O
Analog reference voltage output (0.6V)
22
IFB-
I
Single shunt current sensing OP amp input (-)
23
IFB+
I
Single shunt current sensing OP amp input (+)
24
IFBO
O
Single shunt current sensing OP amp output
25
AIN2
I
Analog input channel 2, 0-1.2V range, needs to be
pulled down to AVSS if unused
26
VDD2
P
1.8V digital power
27
VSS
P
Digital common
28
VDD1
P
3.3V digital power
29
GATEKILL
I
PWM shutdown input, 2-μsec digital filter,
configurable either high or low true.
30
PWMWL
70 kΩ Pull
up
O
PWM gate drive for phase W low side, configurable
either high or low true
31
PWMWH
70 kΩ Pull
up
O
PWM gate drive for phase W high side, configurable
either high or low true
32
PWMVL
70 kΩ Pull
up
O
PWM gate drive for phase V low side, configurable
either high or low true



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com