Electronic Components Datasheet Search
  English  ▼

X  

RT9722 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9722
Description  145m廓, 1.5A Power Switch with Programmable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9722 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9722 Datasheet HTML 5Page - Richtek Technology Corporation RT9722 Datasheet HTML 6Page - Richtek Technology Corporation RT9722 Datasheet HTML 7Page - Richtek Technology Corporation RT9722 Datasheet HTML 8Page - Richtek Technology Corporation RT9722 Datasheet HTML 9Page - Richtek Technology Corporation RT9722 Datasheet HTML 10Page - Richtek Technology Corporation RT9722 Datasheet HTML 11Page - Richtek Technology Corporation RT9722 Datasheet HTML 12Page - Richtek Technology Corporation RT9722 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RT9722
9
DS9722-00 August 2011
www.richtek.com
Application Information
The RT9722 is a high-side power switch with programmable
current limit function. The RT9722 provides active-high
(RT9722A) and active-low (RT9722B) enable input and full
protection functions make it optimized to replace complex
discrete on/off control circuitry.
Current Limit Setting
The current limit value ILIM, can be set by an external
resistor between SET and GND. Figure 3 shows the typical
current limit value under various setting resistance, RSET.
Figure 3. Current Limit vs. RSET Resistance
The accuracy of current limit set point may vary with
operating temperature and supply voltage, see “Typical
Operating Characteristics” graph for further details.
A few standard resistor values of the RSET and its typical
current limit set point with
±25% tolerance are listed in
Table 1.
Input and Output
VIN (input) is the power source connected to the internal
circuitry and the source of the MOSFET. VOUT (output) is
the drain of the MOSFET. In a typical application, current
flows through the switch from VIN to VOUT toward the load.
If VOUT is greater than VIN, current will flow from VOUT to
VIN since the MOSFET is bidirectional when on. The
RT9722 is designed to control current flowing from VIN to
VOUT. If a voltage applied to VOUT is greater than the voltage
on VIN, large currents may flow and cause damage to the
device.
Design Current Limit (mA)
RSET (kΩ)
Min
Typ
Max
4.7
1125.0
1500
1875.0
5.49
937.5
1250
1562.5
6.8
750.0
1000
1250.0
7.32
675.0
900
1125.0
8.66
600.0
800
1000.0
10.5
525.0
700
875.0
13
450.0
600
750.0
16
375.0
500
625.0
18
337.5
450
562.5
20
300.0
400
500.0
22.6
262.5
350
437.5
30
225.0
300
375.0
34.8
187.5
250
312.5
47
150.0
200
250.0
Chip Enable Input
The switch will be disabled when the EN/EN pin is in a
logic low/high condition. During this condition, the internal
circuitry and MOSFET are turned off, reducing the supply
current to 0.1
μA typically. The maximum guaranteed
voltage for a logic low at the EN pin is 0.6V. A minimum
guaranteed voltage of 1.4V at the EN pin will turn on the
RT9722 again. Floating the input may cause unpredictable
operation. EN should not be allowed to go negative with
respect to GND. The EN pin can be directly tied to VIN to
keep the part on.
Soft-Start for Hot Plug-In Applications
In order to eliminate the upstream voltage droop caused
by the large inrush current during hot-plug events, the
“soft-start” feature effectively isolates the power source
from extremely large capacitive loads.
Fault Flag
The RT9722 provides a FLG signal pin which is an
N-Channel open drain MOSFET output. This open drain
output goes low when current limit VOUT < VIN
− 1V, or the
die temperature exceeds 150
°C approximately. The FLG
Table 1. Current Limit vs. R
SET Resistance
Current Limit vs. RSET
0
200
400
600
800
1000
1200
1400
1600
0
1020
3040
5060
70
RSET (kΩ)
(k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com